Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SNC20AS Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC20AS
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC20AS Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC20AS Datasheet HTML 1Page - SONiX Technology Company SNC20AS Datasheet HTML 2Page - SONiX Technology Company SNC20AS Datasheet HTML 3Page - SONiX Technology Company SNC20AS Datasheet HTML 4Page - SONiX Technology Company SNC20AS Datasheet HTML 5Page - SONiX Technology Company SNC20AS Datasheet HTML 6Page - SONiX Technology Company SNC20AS Datasheet HTML 7Page - SONiX Technology Company SNC20AS Datasheet HTML 8Page - SONiX Technology Company SNC20AS Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC20AS
Direct Drive Speech Controller
Ver: 0.3
Sept 20, 2007
5
5.6. Event Mark
This is a new function for SNC20AS, it allows user to add a special mark in wave data
by the voice edit tool “CoolEdit”. User can insert event tags in anywhere of his wave
file and can easy to get this special code to do his special action during voice playing.
That means, it should be easily to control the I/O (such as LED or motor) and other
actions to synchronize with voice.
5.7. I/O Ports
P30~P33 and P20~P21 are I/O pins. Any bit of them can be programmed as either
input or output port individually. Any valid data transition (H
L or L
H) of P30~P33
and P20~P21 can reactivate the chip when the chip is in power-down mode.
I/O Port Configuration (P30~P33, P20~P21)
Note:
(1) Weak N-MOS’s can serve as pull-low resistors.
(2) The driving and sink current of P3.2 and P3.3 are enhance to be 8mA/16mA.
So user can direct to drive the LED through those two I/O pins.
Port Data
Port Status
To Internal Data Bus
Read Control
PAD
Weak



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com