Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SNC207S Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC207S
Description  Direct Drive Speech Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC207S Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC207S Datasheet HTML 2Page - SONiX Technology Company SNC207S Datasheet HTML 3Page - SONiX Technology Company SNC207S Datasheet HTML 4Page - SONiX Technology Company SNC207S Datasheet HTML 5Page - SONiX Technology Company SNC207S Datasheet HTML 6Page - SONiX Technology Company SNC207S Datasheet HTML 7Page - SONiX Technology Company SNC207S Datasheet HTML 8Page - SONiX Technology Company SNC207S Datasheet HTML 9Page - SONiX Technology Company SNC207S Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SNC207S
Direct Drive Speech Controller
Ver: 0.3
Sept 20, 2007
6
5.8. DAC & PWM
SNC207S is an advanced chip to be designed having two optimal methods to play out
the voices. One is DAC and the other is PWM. Upon user’s applications, user can
select either DAC or PWM in his design. Please be aware that only one method can
be activated at a time.
DAC: A 7-bit current type digital-to-analog converter is built-in SNC207S. The
relationship between input digital data and output analog current signal is listed in
the following table. Also, the recommended application circuit is illustrated as
follows.
Input data
Typical value of output current (mA)
0
0
1
3/127
…
N
n*(3/127)
…
127
3
DAC output
VCC
BUO1/VO
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com