Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

53508 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53508
Description  SOLID STATE POWER CONTROLLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53508 Datasheet(HTML) 1 Page - Micropac Industries

  53508 Datasheet HTML 1Page - Micropac Industries 53508 Datasheet HTML 2Page - Micropac Industries 53508 Datasheet HTML 3Page - Micropac Industries 53508 Datasheet HTML 4Page - Micropac Industries 53508 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
53508 Series
SOLID STATE POWER CONTROLLERS
PRELIMINARY
Mii
Features:
270V, 10A Operation
Power MOSFET with Low On-State Resistance
Controlled Soft Turn-On
I²t Overload Protection
Short Circuit protection
External Trip Profile Programming (30% to 100%
of Rating)
Fault and Output State Monitor
Isolation to 1000V
Military environmental screening available
Applications:
Designed for 270V bus application
Aircraft Power Distribution
Military/High Reliability Systems
Satellite/Space Systems
DESCRIPTION
The 53508 Series Solid-State Power Controllers are lightweight and resistant to damage from shock and vibration. They are
designed to replace electromechanical breakers and solid-state relays. They overcome the problems associated with arcing
and contamination of breakers as well as providing internal protection for overload and short circuit conditions. They provide
Fault and Output State monitoring as well as a controlled Soft Turn-On. The Trip Profile is externally Programmable from
30% to 100% of Rating
Optical coupling between input and output stages provide effective isolation of 1000VDC. The Power MOSFET switches
used in the output stage provide low “on” resistance, low offset and minimal internal power dissipation.
Precautions:
Precautions must be taken to limit the transient voltages generated by the inductance in the system wiring and load when a
short circuit causes the SSPC to turn off. When testing individual SSPC’s, care should be taken to simulate actual system
conditions.
ABSOLUTE MAXIMUM RATINGS
Isolation voltage .......................................................................................................................................................... 1000 VDC
Continuous operating output voltage .............................................................................................................................400 VDC
Transient output voltage…………………………………………………………………....................................................550 VDC
Bias supply voltage ............................................................................................................................................... -.6 to 5.5 VDC
Control Voltage ..................................................................................................................................................................32VDC
Operating temperature ............................................................................................................................ -55ºC to +125ºC Case
Storage temperature ..........................................................................................................................................-60ºC to +150ºC
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/30/06 Rev A
Pg. 1 of 5
MICROPAC
MICROCIRCUITS PRODUCTS
DIVISION


Similar Part No. - 53508

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
SMOKE DETECTOR WITH INTERCONNECT
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
T3/4 Right Angle LED Assembly
logo
Alpha Wire
5350-4C ALPHAWIRE-5350-4C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
5350/4C ALPHAWIRE-5350/4C Datasheet
411Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
LATCHING SOLID STATE POWER CONTROLLER
More results

Similar Description - 53508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
Programmable Controllers AC.Output Module Solid State Relay
logo
Micropac Industries
53217 MICROPAC-53217 Datasheet
123Kb / 6P
SPST SOLID-STATE POWER CONTROLLERS
logo
Toshiba Semiconductor
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
logo
Micropac Industries
53509 MICROPAC-53509 Datasheet
175Kb / 5P
SOLID STATE POWER CONTROLLERS
logo
Sensitron
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
122908 SENSITRON-122908 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
PB5038 SENSITRON-PB5038 Datasheet
370Kb / 4P
COBRA Series Programmable Multi-Channel Solid State Power Controllers
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
logo
Micropac Industries
53506 MICROPAC-53506 Datasheet
199Kb / 8P
SOLID STATE POWER CONTROLLERS
53514 MICROPAC-53514 Datasheet
104Kb / 7P
SOLID STATE POWER CONTROLLERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com