Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAS6116 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 2Page - Micro Analog systems MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6 (18)
DA6116.001
27 February, 2009
GENERAL DESCRIPTION
Peak level detection
MAS6116 has a 8-bit digital-to-analog converter (DAC) used to monitor the peak level of the output signal. The
reference value is programmed using the serial interface and the same reference value is used for both channels.
The reference value V REF can be calculated using the following formula.
VREF = (0.0036 + 0.0145 · CODE) · AVCC
where CODE is the decimal value of the control byte (0...255) and AVCC is the analog supply voltage of the
MAS6116 device. With nominal analog supply voltage of 5V the reference value is
VREF = 18mV + 72.5mV · CODE
When a positive peak signal level at the output exceeds the V REF value, bits 0 and 1 of the status register are
set (see register description). When set, the register contents will remain high until the value of the status register
has been read.
Write operation status register
MAS6116 features a status register that can be used to determine if the channel registers are ready to accept
new gain values. The status register bits 0 and 1 are set high at the start of a gain write operation, and are set
back low when the new gain value has been set to the output. This happens when a positive zero crossing is
detected in the input signal or the timeout delay has passed.
It is allowed to write a new gain value to a channel that is busy (i.e. waiting for a zero cross in the input signal).
The new value will overwrite the previous one and the timeout delay will be reset. This means that the previously
written gain value will not be set to the channel gain registers. To prevent this from happening it is recommended
to read the write operation status register prior to setting a new gain value to determine if the write operation can
be safely executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com