Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2512B Datasheet(PDF) 7 Page - SMSC Corporation

Part # USB2512B
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2512B Datasheet(HTML) 7 Page - SMSC Corporation

Back Button USB2512B Datasheet HTML 3Page - SMSC Corporation USB2512B Datasheet HTML 4Page - SMSC Corporation USB2512B Datasheet HTML 5Page - SMSC Corporation USB2512B Datasheet HTML 6Page - SMSC Corporation USB2512B Datasheet HTML 7Page - SMSC Corporation USB2512B Datasheet HTML 8Page - SMSC Corporation USB2512B Datasheet HTML 9Page - SMSC Corporation USB2512B Datasheet HTML 10Page - SMSC Corporation USB2512B Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
7
Revision 1.0 (3-11-09)
DATASHEET
Chapter 1 USB251x Hub Family Differences Overview
Table 1.1 36-pin QFN (6x6x0.5 mm) RoHS Compliant Part Numbers
Table 1.2 48-pin QFN (7x7x0.5 mm) RoHS Compliant Part Numbers
Table 1.3 64-pin QFN (9x9x0.5 mm) RoHS Compliant Part Numbers
Note 1.1
*Battery charging enable is only available on USB251x/xBi products.
Note 1.2
**USB2512A/Ai only uses a single transaction translator.
Part
Number
Down-
stream
ports
Default
TT
True
Speed
Battery
Charging
LED Port
Indicators
Clock
(MHz)
0ºC
to
70ºC
-40ºC
to
85ºC
USB2512
USB2512A
USB2512B
2
multi
**
*
24
USB2512i
USB2512Bi
USB2512Ai
2
multi
**
*
24
USB2513
USB2513B
3
multi
*
24
USB2513i
USB2513Bi
3
multi
*
24
USB2514
USB2514B
4
multi
*
24
USB2514i
USB2514Bi
4
multi
*
24
Part
Number
Down-
stream
ports
Default
TT
True
Speed
Battery
Charging
LED Port
Indicators
Clock
(MHz)
0ºC
to
70ºC
-40ºC
to
85ºC
USB2513
3
multi
24/48
USB2514
4
multi
24/48
Part
Number
Down-
stream
ports
Default
TT
True
Speed
Battery
Charging
LED Port
Indicators
Clock
(MHz)
0ºC
to
70ºC
-40ºC
to
85ºC
USB2517
7
multi
24
USB2517i
7
multi
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com