Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SML2955CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # SML2955CSM4
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML2955CSM4 Datasheet(HTML) 1 Page - Seme LAB

  SML2955CSM4 Datasheet HTML 1Page - Seme LAB SML2955CSM4 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SML2955CSM4
VDS
Drain – Source Voltage
VGS
Gate – Source Voltage
ID
Continuous Drain Current
@TA = 25°C
IDM
Pulsed Drain Current 1
PD
Power Dissipation
@TA = 25°C
@TA = 100°C
RθJA
Thermal Resistance Junction to Ambient
TSTG , TJ
Maximum Junction and Storage Temperature Range
-60V
±
20V
-2.5A
-15A
0.8W
0.32W
156°C/W
-55 to +150°C
MECHANICAL DATA
Dimensions in mm (inches)
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.
P–CHANNEL
ENHANCEMENT MODE
MOSFET
LCC3 PACKAGE (MO-041BA)
Underside View
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise stated)
NOTE:
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
PAD 1 - Drain
PAD 2 - N/C
PAD 3 - Source
PAD 4 - Gate
The SML2955CSM4 is a very low on state
resistance P-Channel enhancement mode
mosfet in a Ceramic Surface Mount pack-
age designed for high rel applications:
FEATURES
• BVDSS =-60V
• ID = -2.5A
• RDS(ON) = 0.3Ω
• Hermetic Surface Mount Package
• Screening Option Available
Document Number 5878
Issue 1
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.


Similar Part No. - SML2955CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML200HB12 SEME-LAB-SML200HB12 Datasheet
628Kb / 7P
HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Infinite Electronics In...
SML2080 FAIRVIEW-SML2080 Datasheet
498Kb / 3P
SMA Limiter PIN-Schottky With 16 dBm Flat Leakage Operating From 2 GHz to 8 GHz
REV 1.4
logo
Seme LAB
SML20B56 SEME-LAB-SML20B56 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Inchange Semiconductor ...
SML20B56 ISC-SML20B56 Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
logo
Seme LAB
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Similar Description - SML2955CSM4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com