Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1727 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1727
Description  ISOPLUS??264 DC Power Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1727 Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1727 Datasheet HTML 1Page - Clare, Inc. CPC1727 Datasheet HTML 2Page - Clare, Inc. CPC1727 Datasheet HTML 3Page - Clare, Inc. CPC1727 Datasheet HTML 4Page - Clare, Inc. CPC1727 Datasheet HTML 5Page - Clare, Inc. CPC1727 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
2
CPC1727
R02
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings
Parameter
Ratings
Units
Blocking Voltage
250
V
P
Reverse Input Voltage
5
V
Input Control Current
100
mA
Peak (10ms)
1
A
DC
Input Power Dissipation
150
mW
Isolation voltage, Input to Output
2500
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Electrical absolute maximum ratings are at 25°C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
T
A=25°C
Load Current 1
I
L
--
Peak
t
≤ 10ms
30
A
P
Continuous
No Heat Sink
3.4
A
DC
Continuous
T
C=25ºC
20
Continuous
T
C=99ºC
I
L(99)
4.2
On-Resistance 2
I
F=10mA, IL=1A
R
ON
-
0.0675
0.09
Ω
Off-State Leakage Current
V
L=250V
I
LEAK
--
1
µA
Switching Speeds
I
F=20mA, VL=10V
ms
Turn-On
T
ON
-
5.5
20
Turn-Off
T
OFF
-
0.125
5
Output Capacitance
V=25V, f=1MHz
C
OUT
-
700
-
pF
Input Characteristics
T
A=25°C
Input Control Current 3
I
L=1A
I
F
-
-
10
mA
Input Dropout Current
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics
T
A=25°C
Capacitance Input to Output
-
C
I/O
-1
-
pF
1
Higher load currents possible with proper heatsinking.
2
Measurement taken within 1 second of on time.
3
For applications requiring high temperature operation (greater than 60oC) an LED drive current of 20mA is recommended.
Electrical Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com