Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1916 Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1916
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1916 Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1916 Datasheet HTML 1Page - Clare, Inc. CPC1916 Datasheet HTML 2Page - Clare, Inc. CPC1916 Datasheet HTML 3Page - Clare, Inc. CPC1916 Datasheet HTML 4Page - Clare, Inc. CPC1916 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1916
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Typical Turn-Off vs. LED Forward Current
(I
L=100mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
50
Typical On-Resistance vs. Temperature
(I
L=1.0ADC, IF=10mA)
-40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mADC)
-40
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
Load Voltage (V)
-0.6
-0.4
-0.2
0.2
0.4
0
0.6
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
Typical Load Current vs. Load Voltage
(T
A=25ºC, IF=10mA)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
2
3
4
5
6
7
Energy Rating Curve
(Free Air, No Heat Sink)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com