Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF-7800W-OU440 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-7800W-OU440
Description  Broadband Ethernet Radio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-7800W-OU440 Datasheet(HTML) 2 Page - Harris Corporation

  RF-7800W-OU440 Datasheet HTML 1Page - Harris Corporation RF-7800W-OU440 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
Specifications are subject to change without notice. © Copyright 2009 Harris Corporation 1/09 DS-377E
®
assuredcommunications®
General
System Capability
LOS, optical-LOS, and non-LOS (OFDM)
Operating Modes
Point-to-Point (PTP), Point-to-Multipoint (PMP)
Power Cable
Ethernet, up to 91m (299 ft.)
Software Architecture
Upgradeable via HTTP interface
Power Consumption
22W Max
Power Requirements
110/220/240 VAC 50/60 Hz (with PoE block or NIU)
10.5 to 34.5 VDC (with NIU)
Wireless
Wireless Transmission
OFDM, Time Division Duplex (TDD) and
Time Division Multiple Access (TDMA)
Frequency Range
4.4-5.0 GHz
Channel Size
10, 20, 40 MHz (PTP), 10, 20 MHz (PMP)
Channel Spacing
1 MHz
TX Power
Up to 20 dBm adjustable (automatic/manual)
Rx Sensitivity
-88 dBm @ 6 Mbps max. (BER of 1x10 e -9)
Modulation
8 levels from BPSK to 64 QAM
Encryption
FIPS 197 256 bit AES (PTP), 64 bit private key
(PMP)
Harris Traffic Flow Security (TFS), (PTP)
Interference Control
Dynamic Frequency Selection
Automatic Transmit Power Control (PTP)
Adaptive Modulation (PTP)
Performance
Data Rate
Up to 108 Mbps (Uncoded Burst Rate) PTP
Up to 54 Mbps (Uncoded Burst Rate) PMP
Ethernet Rate
Greater than 80 Mbps PTP
Greater than 40 Mbps PMP
Range
Greater than 50 km clear LOS PTP
Greater than 20 km clear LOS PMP
accessories
RF-7800W-PA440
Bidirectional Power Amplifier
RF-7800W-IU100
Nework Interface Unit (NIU)
RF-7800W-AA001
Closed Loop Antenna Alignment System
(CLAAS)
Antennas:
RF-7800W-AT001
One Foot Panel
RF-7800W-AT012
Rugged Two Foot Panel
RF-7800W-AT013
Three Foot Grid Parabolic
RF-7800W-AT005
60º Sector
RF-7800W-AT006
Omni
Masts
RF-5941-PM150
15 meter Pushup with ground kit
RF-5941-PM155
15 meter Pushup w/manual winch & ground kit
networking
Attributes
IPv4, Transparent bridge, Automatic link
distance ranging (PTP), DHCP pass-through
Latency
PTP: Less than 4 ms, PMP: Less than 10 ms
Ethernet
802.3x (PTP)
QOS
802.1p (PTP)
VLAN
802.1Q (PMP)
interfaces
Network Connection
10/100 Ethernet
System Configuration
HTTP Internet browser interface, SNMP, Telnet,
SSH, HTTPS
Network Management
SNMP
Environmental
Temperature
-40ºC to +60ºC operational
Ingress Protection
IP67
Humidity
0 - 95%
Altitude
15,000 ft. operational (40,000 ft. storage)
Weight
5.5 lbs. (2.5 kg)
Specifications for the RF-7800W-ou440
tactical area Communications System
utilizing the RF-7800W-ou440



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com