Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1963 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1963
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1963 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1963 Datasheet HTML 1Page - Clare, Inc. CPC1963 Datasheet HTML 2Page - Clare, Inc. CPC1963 Datasheet HTML 3Page - Clare, Inc. CPC1963 Datasheet HTML 4Page - Clare, Inc. CPC1963 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1963
www.clare.com
3
R04
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
-40
1.2
1.0
0.8
0.6
0.4
0.2
0
055
85
Load Current, Free Air
Temperature (ºC)
R
ΘJA=60 ºC/W
0
800
600
400
200
0
1200
1400
1000
25
50
85
Temperature (ºC)
Typical dV/dt vs. Temperature
Vo
63%
10%
RC
Vo = 300V
dV
0.63 x 300V
189
dt
RC
RC
In accordance with
EIA/NARM Standards
RS-443 for Solid State Relays
dV/dt Method
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(T
A=25ºC, IF=5mA)
35
30
25
20
15
10
5
0
1.05
1.07
1.09
1.11
1.06
1.08
1.10
Output Voltage Drop (V
rms)
Typical On-State
Output Voltage Drop Distribution
(T
A=25ºC)
610
630
650
670
660
640
620
Blocking Voltage (V
P)
25
20
15
10
5
0
Typical Blocking Voltage Distribution
(T
A=25ºC)
0.22
0.24
0.26
0.21
0.23
0.25
0.27
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(T
A=25ºC)
25
40
55
70
85
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
Typical I
F for Switch Operation
vs. Temperature
Temperature (ºC)
25
40
55
70
85
0.278
0.276
0.274
0.272
0.270
0.268
0.266
0.264
Temperature (ºC)
Typical Leakage vs. Temperature
(V
L=600VP)
25
40
55
70
85
670
660
650
640
630
620
610
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
25
40
55
70
85
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
Temperature (ºC)
Typical Output V
ON vs. Temperature
Temperature (ºC)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F = 20mA
I
F = 50mA
I
F = 5mA
I
F = 10mA
Typical LED Forward Voltage Drop
vs. Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com