Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1963GSTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1963GSTR
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1963GSTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1963GSTR Datasheet HTML 1Page - Clare, Inc. CPC1963GSTR Datasheet HTML 2Page - Clare, Inc. CPC1963GSTR Datasheet HTML 3Page - Clare, Inc. CPC1963GSTR Datasheet HTML 4Page - Clare, Inc. CPC1963GSTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1963-R04
1
CPC1963
AC Power Switch
RoHS
2002/95/EC
e3
Pb
Part Number
Description
CPC1963G
6-Pin DIP (50/Tube)
CPC1963GS
6-Pin Surface Mount (50/Tube)
CPC1963GSTR
6-Pin Surface Mount (1000/Reel)
Parameter
Ratings
Units
Blocking Voltage
600
V
P
Load Current
500
mA
rms
On State Voltage Drop
1.4
V
rms (at IL = 500mA)
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 0.5A
rms
600V
P Blocking Voltage
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
Machine Insertable, Wave Solderable
Flammability classification rating of V-0
The CPC1963 is an AC Solid State Switch using
optical coupling with dual power SCR outputs to
produce an alternative to optocoupler and Triac circuits.
The CPC1963 switches are robust enough to provide
a blocking voltage of up to 600V
P. In addition, tightly
controlled zero cross circuitry ensures switching of AC
loads without the generation of transients. The input
and output circuits are optically coupled to provide
3750V
rms of isolation and noise immunity between
control and load circuits. As a result, the CPC1963
is well suited for industrial environments where
electromagnetic interference could disrupt the operation
of electromechanical relays.
Approvals
UL 508 Recognized Component: File #: E69938
CSA Certified Component: Certificate # 1172007
ZC
1
3
2
4
5
6
AC Load
AC Load
– LED
+ LED


Similar Part No. - CPC1963GSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1963GSTR CLARE-CPC1963GSTR Datasheet
130Kb / 7P
AC Power Switch
logo
IXYS Corporation
CPC1963GSTR IXYS-CPC1963GSTR Datasheet
113Kb / 7P
Machine Insertable, Wave Solderable
logo
Littelfuse
CPC1963GSTR LITTELFUSE-CPC1963GSTR Datasheet
177Kb / 7P
AC Power Switch
11/18/2025
More results

Similar Description - CPC1963GSTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com