Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IFX91041 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IFX91041
Description  1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX91041 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IFX91041 Datasheet HTML 3Page - Infineon Technologies AG IFX91041 Datasheet HTML 4Page - Infineon Technologies AG IFX91041 Datasheet HTML 5Page - Infineon Technologies AG IFX91041 Datasheet HTML 6Page - Infineon Technologies AG IFX91041 Datasheet HTML 7Page - Infineon Technologies AG IFX91041 Datasheet HTML 8Page - Infineon Technologies AG IFX91041 Datasheet HTML 9Page - Infineon Technologies AG IFX91041 Datasheet HTML 10Page - Infineon Technologies AG IFX91041 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IFX91041
Buck Regulator
Data Sheet
7
Rev. 1.01, 2009-10-19
5
Buck Regulator
5.1
Description
The gate of the power switch is driven by the external capacitor connected to pin BDS (Buck Driver Supply) using
the bootstrap principle. An integrated under voltage lockout function supervising the ’bootstrap’ capacitor voltage
ensures that the device is always driven with a sufficient bootstrap voltage in order to prevent from extensive heat
up of the power transistor. An integrated charge pump supports the gate drive in case of low input supply voltage,
small differential voltage between input supply and output voltage at low current and during startup. In order to
minimize emission, the charge pump is switched off if the input voltage is sufficient for supplying the bootstrap.
The soft start function generates a defined ramp of the output voltage during the first 0.5 ms (typ.) after device
initialization. The device initialization is triggered either by the EN voltage level crossing the turn-on threshold,
rising supply voltage (during EN=H), and also when the device restarts a after thermal shutdown. The ramp starts
after the BDS external capacitor is charged.
The regulation scheme uses a voltage controlled pulse width modulation with feed forward path (the feed forward
operates for supply voltages from 8.0V to 36V) which provides a fast line transient reaction.
In order to maintain the output voltage regulation even under low duty cycle conditions (light load conditions down
to ICC=0mA, high input voltage) a pulse skipping operation mode is implemented. Pulse skipping is also used for
operation with low supply voltages, related to high duty cycles >92%
In case of a lost connection to the pin FB , an internal pull-up current prevents from a uncontrolled rise of the output
voltage (version IFX91041EJV only).
Figure 3
Block Diagram Buck Regulator
tf
tr
tr
Schmitt-Trigger 1
Vhigh
Vlow
t
Ramp
SYNC
&
&
R
Q
S
OFF
when H
Q
Clock
>1
_
Error-FF
L when
Tj > 175 °C
Error
Amp.
FB
COMP
Error-Signal
Error-Ramp
PWM
Comp.
H when
Error-Signal <
Error-Ramp
Output Stage
OFF when H
NOR1
L when Overcurrent
&
NAND 2
&
&
R
Q
S
H =
OFF
Q
PWM-FF
1
INV
H =
ON
Gate
Driver
Gate Driver
Supply
Power
D-MOS
BUO
BDS
OC
Comp.
=
VS
BDS
UV Comp.
H when
UV at
VBDS
Charge
Pump
=
tr
tr
tf
Oscillator
Vmax
Vmin
t
Soft start
Ramp
Generator
VRef
0.6 V
=
ΔV=k X
VS
Feedforward
L when
Output
overvoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com