Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EP5358LUI-E Datasheet(PDF) 13 Page - Enpirion, Inc.

Part # EP5358LUI-E
Description  500mA Synchronous Buck Regulator with Integrated Inductor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358LUI-E Datasheet(HTML) 13 Page - Enpirion, Inc.

Back Button EP5358LUI-E Datasheet HTML 6Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 7Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 8Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 9Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 10Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 11Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 12Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 13Page - Enpirion, Inc. EP5358LUI-E Datasheet HTML 14Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
13
www.enpirion.com
Recommended PCB Footprint
Figure 9: EP5358 Package PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com