Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25DF161 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF161
Description  16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF161 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF161 Datasheet HTML 1Page - ATMEL Corporation AT25DF161 Datasheet HTML 2Page - ATMEL Corporation AT25DF161 Datasheet HTML 3Page - ATMEL Corporation AT25DF161 Datasheet HTML 4Page - ATMEL Corporation AT25DF161 Datasheet HTML 5Page - ATMEL Corporation AT25DF161 Datasheet HTML 6Page - ATMEL Corporation AT25DF161 Datasheet HTML 7Page - ATMEL Corporation AT25DF161 Datasheet HTML 8Page - ATMEL Corporation AT25DF161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
Features
Single 2.7V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
– Supports RapidS Operation
– Supports Dual-Input Program and Dual-Output Read
Very High Operating Frequencies
– 100 MHz for RapidS
– 85 MHz for SPI
– Clock-to-Output (tV) of 5 ns Maximum
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
Individual Sector Protection with Global Protect/Unprotect Feature
– 32 Sectors of 64-Kbytes Each
Hardware Controlled Locking of Protected Sectors via WP Pin
Sector Lockdown
– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
128-Byte Programmable OTP Security Register
Flexible Programming
– Byte/Page Program (1 to 256 Bytes)
Fast Program and Erase Times
– 1.0 ms Typical Page Program (256 Bytes) Time
– 50 ms Typical 4-Kbyte Block Erase Time
– 250 ms Typical 32-Kbyte Block Erase Time
– 400 ms Typical 64-Kbyte Block Erase Time
Program and Erase Suspend/Resume
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
– 5 mA Active Read Current (Typical at 20 MHz)
– 5 µA Deep Power-Down Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil and 208-mil wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
1. Description
The AT25DF161 is a serial interface Flash memory device designed for use in a wide
variety of high-volume consumer based applications in which program code is shad-
owed from Flash memory into embedded or external RAM for execution. The flexible
erase architecture of the AT25DF161, with its erase granularity as small as 4-Kbytes,
makes it ideal for data storage as well, eliminating the need for additional data storage
EEPROM devices.
16-Megabit
2.7-volt
Minimum
SPI Serial Flash
Memory
AT25DF161
Preliminary
3687C–DFLASH–7/09


Similar Part No. - AT25DF161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF161-MH-T ETC2-AT25DF161-MH-T Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MH-Y ETC2-AT25DF161-MH-Y Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MHF-T ETC2-AT25DF161-MHF-T Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT25DF161-MHF-Y ETC2-AT25DF161-MHF-Y Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF161-SH ATMEL-AT25DF161-SH Datasheet
348Kb / 15P
One mechanical button switch Three LEDs Four expansion headers
More results

Similar Description - AT25DF161

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25BCM512B ETC2-AT25BCM512B Datasheet
701Kb / 33P
512-Kilobit 2.7-Volt Minimum SPI Serial Flash Memory
AT25BCM512B ETC2-AT25BCM512B_12 Datasheet
696Kb / 34P
512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com