Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT32AP7000 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT32AP7000
Description  AVR32 32-bit Microcontroller
PDF  973 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT32AP7000 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT32AP7000 Datasheet HTML 49Page - ATMEL Corporation AT32AP7000 Datasheet HTML 50Page - ATMEL Corporation AT32AP7000 Datasheet HTML 51Page - ATMEL Corporation AT32AP7000 Datasheet HTML 52Page - ATMEL Corporation AT32AP7000 Datasheet HTML 53Page - ATMEL Corporation AT32AP7000 Datasheet HTML 54Page - ATMEL Corporation AT32AP7000 Datasheet HTML 55Page - ATMEL Corporation AT32AP7000 Datasheet HTML 56Page - ATMEL Corporation AT32AP7000 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 973 page
background image
53
32003M–AVR32–09/09
AT32AP7000
7.8.2
PICO Instruction Summary
Table 7-4.
PICO instruction summary
Mnemonics
Operands / Syntax
Description
Operation
picosvmac
E
OUTd, INx, INy, INz
PICO single vector multiplication and
accumulation.
See PICO instruction set reference
picosvmul
E
OUTd, INx, INy, INz
PICO single vector multiplication
See PICO instruction set reference
picovmac
E
OUTd, INx, INy, INz
PICO vector multiplications and
accumulations.
See PICO instruction set reference
picovmul
E
OUTd, INx, INy, INz
PICO vector multiplications.
See PICO instruction set reference
picold.d
E
PrHi:PrLo, Rp[disp]
Load PICO register pair
PrHi:PrLo
← *(Rp+ZE(disp8<<2))
E
PrHi:PrLo, --Rp
Load PICO register pair with pre-decrement
PrHi:PrLo
← *(--Rp)
E
PrHi:PrLo,
Rb[Ri<<sa]
Load PICO register pair with indexed
addressing
PrHi:PrLo
← *(Rb+(Ri << sa2))
picold.w
E
Pr, Rp[disp]
Load PICO register
Pr
← *(Rp+ZE(disp8<<2))
E
Pr, --Rp
Load PICO register with pre-decrement
Pr
← *(--Rp)
E
Pr, Rb[Ri<<sa]
Load PICO register with indexed addressing
Pr
← *(Rb+(Ri << sa2))
picoldm
E
Rp{++}, PICORegList
Load multiple PICO registers
See PICO instruction set reference
picomv.d
E
Rd, PrHi:PrLo
Move from PICO register pair to CPU register
pair
Rd+1:Rd
← PrHi:PrLo
EPrHi:PrLo, Rd
Move from CPU register pair to PICO register
pair
PrHi:PrLo
← Rd+1:Rd
picomv.w
E
Rd, Pr
Move from PICO register to CPU register
Rd
← Pr
E
Pr, Rd
Move from CPU register to PICO register
Pr
← Rd
picost.d
E
Rp[disp], PrHi:PrLo
Store PICO register pair
*(Rp+ZE(disp8<<2))
← PrHi:PrLo
E
Rp++, PrHi:PrLo
Store PICO register pair with post-increment
*(Rp--)
← PrHi:PrLo
E
Rb[Ri<<sa],
PrHi:PrLo
Store PICO register pair with indexed
addressing
*(Rb+(Ri << sa2))
← PrHi:PrLo
picost.w
E
Rp[disp], Pr
Store PICO register
*(Rp+ZE(disp8<<2))
← Pr
E
Rp++, Pr
Store PICO register with post-increment
*(Rp--)
← Pr
E
Rb[Ri<<sa], Pr
Store PICO register with indexed addressing
*(Rb+(Ri << sa2))
← Pr
picostm
E
{--}Rp, PICORegList
Store multiple PICO registers
See PICO instruction set reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com