Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATA6661 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6661
Description  LIN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6661 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6661_09 Datasheet HTML 5Page - ATMEL Corporation ATA6661_09 Datasheet HTML 6Page - ATMEL Corporation ATA6661_09 Datasheet HTML 7Page - ATMEL Corporation ATA6661_09 Datasheet HTML 8Page - ATMEL Corporation ATA6661_09 Datasheet HTML 9Page - ATMEL Corporation ATA6661_09 Datasheet HTML 10Page - ATMEL Corporation ATA6661_09 Datasheet HTML 11Page - ATMEL Corporation ATA6661_09 Datasheet HTML 12Page - ATMEL Corporation ATA6661_09 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
4729M–AUTO–02/09
ATA6661
6.
Electrical Characteristics
5V < V
S < 18V, Tamb = –40°C to +125°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1V
S Pin
1.1
Nominal DC voltage range
7
V
S
5
13.5
18
V
A
1.2
Supply current in sleep mode
Sleep mode
Vlin > VBatt – 0.5V
V
Batt < 14V
7IVSstby
10
20
µA
A
1.3
Supply current in normal mode
Bus recessive
7
I
VSrec
1.6
3
mA
A
1.4
Bus dominant
Total bus load > 500
Ω
7IVSdom
1.6
3
mA
A
1.5
V
S undervoltage threshold
V
Sth
44.6
5
V
A
1.6
V
S undervoltage threshold
hysteresis
7V
Sth_hys
0.2
V
A
2
RXD Output Pin (Open Drain)
2.1
Low level input current
Normal mode
V
LIN = 0V, VRXD = 0.4V
1I
RXDL
25
8
mA
A
2.2
RXD saturation voltage
5 k
Ω pull-up resistor to 5V
1
Vsat
RXD
0.4
V
A
2.3
High level leakage current
Normal mode
V
LIN = VBAT, VRXD = 5V
1IRXDH
–3
+3
µA
A
2.4
ESD zener diode
I
RXD = 100 µA
1
VZ
RXD
6.1
8.6
V
A
3
TXD Input Pin
3.1
Low level voltage input
4
V
TXDL
–0.3
+0.8
V
A
3.2
High level voltage input
4
VTXDH
26
V
A
3.3
Pull-down resistor
VTXD = 5V
4
RTXD
125
250
600
k
Ω
A
3.4
Low level leakage current
VTXD = 0V
4
ITXD
–3
+3
µA
A
3.5
Low-level input current at local
wake-up request
Pre-normal mode
VLIN = VBAT; VWAKE = 0V
4I
TXDwake
25
8
mA
A
4EN Input Pin
4.1
Low level voltage input
2
VENL
–0.3
+0.8
V
A
4.2
High level voltage input
2
VENH
26
V
A
4.3
Pull-down resistor
VEN = 5V
2
REN
125
250
600
k
Ω
A
4.4
Low level input current
VEN = 0V
2
IEN
–3
+3
µA
A
4.5
Enable negative slope for go to
sleep
Negative slope
V
EN =2Vto0.8V
2SlopeEN
60
µs
A
5
INH Output Pin
5.1
High level voltage
Normal mode
IINH = –200 µA
8VINHH
VS – 0.8
VS
VA
5.2
High level leakage current
Sleep mode
VINH = 27V, VBatt = 27V
8I
INHL
–3
+3
µA
A
6
WAKE Pin
6.1
High level input voltage
3
VWAKEH
V
S
1V
V
S +
0.3V
VA
6.2
Low level input voltage
I
WAKE = Typically –3 µA
3
V
WAKEL
–27V
V
S
3V
VA
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com