Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1535 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 5 Page - Linear Technology

  LTC1535_2 Datasheet HTML 1Page - Linear Technology LTC1535_2 Datasheet HTML 2Page - Linear Technology LTC1535_2 Datasheet HTML 3Page - Linear Technology LTC1535_2 Datasheet HTML 4Page - Linear Technology LTC1535_2 Datasheet HTML 5Page - Linear Technology LTC1535_2 Datasheet HTML 6Page - Linear Technology LTC1535_2 Datasheet HTML 7Page - Linear Technology LTC1535_2 Datasheet HTML 8Page - Linear Technology LTC1535_2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC1535
5
1535fb
TYPICAL PERFORMANCE CHARACTERISTICS
Maximum Baud Rate
vs Temperature
Driver Differential Output
Rise/Fall Time vs Temperature
Driver Differential Output
Rise/Fall Time vs Temperature
Switcher Frequency
vs Temperature
Driver Differential Output Voltage
vs Temperature
Receiver Output Low Voltage
vs Temperature
VCC Supply Current
vs Temperature
VCC2 Supply Current
vs Temperature
VCC2 Supply Voltage
vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G01
130
120
110
100
90
80
70
60
50
RL = 54Ω
VCC = 5V
COOPER
CTX02-14659
TRANSFORMER
RL = 120Ω
RL = OPEN
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G02
90
80
70
60
50
40
30
20
10
VCC2 = 6V
VCC2 = 5V
VCC2 = 4.5V
fDI = fMAX
SLO = 0V
RL = 54Ω
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G03
6.5
6.0
5.5
5.0
4.5
RL = 54Ω, VCC = 5V
RL = 54Ω, VCC = 4.5V
fDI = 250kHz
SLO = 0V
COOPER
CTX02-14659
TRANSFORMER
RL = OPEN, VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G04
500
400
300
200
100
VCC = VCC2 = 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G05
65
60
55
50
45
40
35
30
25
VCC2 = 5V, 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G06
800
700
600
500
400
300
200
SLO = 0V
RL = 54Ω
VCC2 = 5V
VCC2 = 4.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G07
600
500
400
300
200
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G08
4
3
2
1
0
VCC2 = 6V
VCC2 = 5V
VCC2 = 4.5V
SLO = VCC2
RL = 54Ω
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125 150
1535 G09
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V
VCC = 4.5V
I = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com