Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DCH2 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DCH2
Description  Switching wallmount power supply 2 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DCH2 Datasheet(HTML) 1 Page - Emerson Network Power

  DCH2 Datasheet HTML 1Page - Emerson Network Power DCH2 Datasheet HTML 2Page - Emerson Network Power DCH2 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 6.30.09_24
DCH2 Series
 of 3
Embedded Power for
Business-Critical Continuity
DCH2 Series
2 Watts
Special Features
•Switchingwallmountpower
supply
•AvailableinmultipleACplug
configurations
•CEMarkEMC&LVD
•UniversalACinput
•Overloadandshortcircuit
protection
•Constantvoltage,constant
current output
•BuiltinEMIfilter(CISPR22
Class B)
•Noloadpowerconsumption
< 300 mW
Total Power:
2 Watts
Input Voltage:
90-264VAC
# of Outputs:
Single
Safety
Input
Inputrange:
90-264VAC(widerange)
Frequency:
47-63 Hz
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB&EMC89/336/EEC
Safetyground
leakagecurrent:
10µa@50/60Hz,230VACinput
Output
Voltage(Vo):
6.5V(6.5V-10V)
MaximumPower(Po):
2 W
Hold-uptime:
12ms.typicalatfullload@115VAC
Overvoltageprotection:
25%abovenominaloutputmaximum(?)
Latchingtype
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected>2A
Outputcable/
connectorbarrelpolarity:
DCcablewith2.8mmx5.5mmbarrelplugrightangle
DCplugcenter+V;DCplugouter-V
Operatingtemperature:
0° to 45 °C ambient
Storagetemperature:
-30°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55082-1
Humidity:
Operating;non-condensing20%to90%RH
Vibration:
PerIEC60068-2-6
EnvironmentalSpecifications
UL
60950/6500
CSA
60950
TUV
60950
NEMKO 60950
CB
Certificate and report
CE
EMC&LVD
Electrical Specifications


Similar Part No. - DCH2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
DCH2-050AU-0001 ARTESYN-DCH2-050AU-0001 Datasheet
715Kb / 3P
DCH2 Series 2 Watts
DCH2-050AU-0001 ARTESYN-DCH2-050AU-0001 Datasheet
715Kb / 3P
Switching wallmount power supply
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
DCH2 Series 2 Watts
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
Switching wallmount power supply
More results

Similar Description - DCH2

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DA4US EMERSON-NETWORKPOWER-DA4US Datasheet
453Kb / 2P
Switching wallmount power supply 3 - 8 Watts
logo
Bothhand USA, LP.
SP9801 BOTHHAND-SP9801 Datasheet
50Kb / 1P
15 Watts Switching Power Supply
SP9920 BOTHHAND-SP9920 Datasheet
41Kb / 1P
9.9 Watts Switching Power Supply
SP9926 BOTHHAND-SP9926 Datasheet
45Kb / 1P
8.6 Watts Switching Power Supply
T60-9313 BOTHHAND-T60-9313 Datasheet
45Kb / 1P
60 Watts Switching Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Artesyn Technologies
DCH2 ARTESYN-DCH2 Datasheet
715Kb / 3P
Switching wallmount power supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com