Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP2127 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2127_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2127_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
9
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
Data Sheet
Typical Performance Characteristics (Continued)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Input Voltage (V)
I
OUT=0
I
OUT=300mA
T
C=25
oC, V
OUT=3.3V
Figure 9. Output Voltage vs. Input Voltage
Figure 11. Output Voltage vs. Output Current
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.0
0.2
0.4
0.6
0.8
1.0
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=2.5V
V
OUT=1.0V
0
1
2345
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
I
OUT=0
I
OUT=300mA
T
C=25
oC, V
OUT=5.2V
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35 0.40 0.45 0.50 0.55 0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (A)
T
C=-40
oC
T
C=25
oC
T
C=85
oC
V
IN=4.3V, VOUT=3.3V
Figure 12. Output Voltage vs. Output Current
Figure 10. Output Voltage vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com