Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMA2301EG Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA2301EG
Description  Surface Mount Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA2301EG Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA2301EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA2301EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MMA2301KEG
Rev 0, 11/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Surface Mount
Micromachined Accelerometer
The MMA series of silicon capacitive, micromachined accelerometers feature
signal conditioning, a 4-pole low pass filter and temperature compensation.
Zero-g offset full scale span and filter cut-off are factory set and require no
external devices. A full system self-test capability verifies system functionality.
Features
•
Integral Signal Conditioning
•
Linear Output
•
Ratiometric Performance
•
4th Order Bessel Filter Preserves Pulse Shape Integrity
•
Calibrated Self-test
•
Low Voltage Detect, Clock Monitor, and EPROM Parity Check Status
•
Transducer Hermetically Sealed at Wafer Level for Superior Reliability
•
Robust Design, High Shocks Survivability
•
Robust Design, High Shock Survivability
•
Qualified AEC-Q100, Rev. F Grade 2 (-40
°C/ +105°C)
Typical Applications
•
Vibration Monitoring and Recording
•
Impact Monitoring
ORDERING INFORMATION
Device Name
Temperature Range
Case No.
Package
MMA2301EG
–40
° to 125°C
475-01
SOIC-16
MMA2301EGR2
–40
° to 125°C
475-01
SOIC-16, Tape & Reel
MMA2301KEG*
–40
° to 125°C
475-01
SOIC-16
MMA2301KEGR2*
–40
° to 125°C
475-01
SOIC-16, Tape & Reel
*Part number sourced from a different facility.
MMA2301KEG
MMA2301KEG: X-AXIS SENSITIVITY
MICROMACHINED
ACCELEROMETER
±200g
KEG SUFFIX (Pb-FREE)
16-LEAD SOIC
CASE 475-01
G-Cell
Sensor
Integrator
Gain
Filter
Temp
S
elf-Test
Control Logic and
EPROM Trim Circuits
Clock
Generator
Oscillator
VDD
VOUT
VSS
ST
STATUS
Figure 1. Simplified Accelerometer Functional Block Diagram
N/C
N/C
N/C
ST
VOUT
STATUS
VSS
VDD
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 2. Pin Connections


Similar Part No. - MMA2301EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA2301EG FREESCALE-MMA2301EG Datasheet
273Kb / 10P
Surface Mount Micromachined Accelerometer
MMA2301EG FREESCALE-MMA2301EG Datasheet
124Kb / 11P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA2301EG NXP-MMA2301EG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
logo
Freescale Semiconductor...
MMA2301EGR2 FREESCALE-MMA2301EGR2 Datasheet
273Kb / 10P
Surface Mount Micromachined Accelerometer
MMA2301EGR2 FREESCALE-MMA2301EGR2 Datasheet
124Kb / 11P
Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA2301EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
Surface Mount Micromachined Accelerometer
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
Surface Mount Micromachined Accelerometer
MMA2300 FREESCALE-MMA2300 Datasheet
276Kb / 10P
Surface Mount Micromachined Accelerometer
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com