Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAF08 Datasheet(PDF) 1 Page - Powerbox

Part # MAF08
Description  6-24 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAF08 Datasheet(HTML) 1 Page - Powerbox

  MAF08 Datasheet HTML 1Page - Powerbox MAF08 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
162
MAF 08 Series
6-24
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Specifications
INPUT
Nominal voltage
5V, 12V, 24V.
Voltage range
4.7-6V, 9-32V, 16-32V, 19-32V.
Input filter
LC Type.
OUTPUT
Power
6W to 24W.
Regulation
Line:±0.5%.
Load:Single: ±0.5 %. Dual: ±1%.
Single output models require 10% min load to
meet specification. Dual output models require
25% min load to meet specification.
Setting accuracy
±2%
Short circuit protection
Fold-back. Approx 80% of output current at
short circuit.
Ripple and noise, 20MHz
3.3/5V:
Overcurrent protection
120% to 150%.
Temperature coefficient
0.05%°C.
Efficiency
See table.
ENVIRONMENTAL
Operating temperature
-25°C to +71°C.
Storage temperature
-40°C to +100°C.
Case temperature
Max 100°C.
GENERAL
MTTF
200 000 hours at 25°C ambient.
Switching frequency
150KHz typ.
Isolation voltage
Non-isolation.
Case
Black coated copper with non-conductive base.
Dimensions (H x W x L)
31.8 x 20.3 x 10.2 mm.
STANDARDS
EMI standard
EN55022 Class B
C-Tick
AS/NZS CISPR11 Group 1 Class A
Features
Non-isolated input-output
24-pin DIP Package
Efficiency to 94%
Regulated outputs
Input LC filter
Technical Illustrations


Similar Part No. - MAF08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAF00009AEM PANASONIC-MAF00009AEM Datasheet
436Kb / 3P
Cascade connection possible (usable as a 16-bit to 32-bit timer)
logo
TDK Electronics
MAF0603FAL330BT000 TDK-MAF0603FAL330BT000 Datasheet
147Kb / 3P
Noise Suppression Filters
MAF0603FAL470BT000 TDK-MAF0603FAL470BT000 Datasheet
146Kb / 3P
Noise Suppression Filters
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
Noise suppression filter
More results

Similar Description - MAF08

ManufacturerPart #DatasheetDescription
logo
Powerbox
E01 POWERBOX-E01 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB05 POWERBOX-MAB05 Datasheet
525Kb / 2P
4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAC04 POWERBOX-MAC04 Datasheet
525Kb / 2P
4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAC14 POWERBOX-MAC14 Datasheet
493Kb / 2P
5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com