Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

20PT1000 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # 20PT1000
Description  20 PIN DIP VDSL TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

20PT1000 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  20PT1000 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
20 PIN DIP VDSL TRANSFORMER
P/N: 20PT1000 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A2(02/06)
Feature
l
Supports speeds up to 25.92 mbps
l
Designed for broadcom BCM 6010 chip.
l
Designed to meet IR 235 peak requirement.
l
Operating temperature range : 0°C to +70°C.
l
Storage temperature range: -25°C to +125 °C.
Electrical Specifications @ 25°C
Turns Ratio
Part
Number
1-5:19-17
6-10:12-14
DCR (Ù Max)
PIN 19-17
HI- POT
(Vrms)
20PT1000
2CS:1
1CS:1CT
0.5
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Longitudinal balance
(dB Min)
Part
Number
0.3–30MHz
1MHz- 30MHz
300KHz-1MHz
300KHz-1MHz
1MHz-10MHz
10MHz- 30MHz
20PT1000
-0.5
-22
-13.5
-50
-45
-30
Schematic
Mechanical


Similar Part No. - 20PT1000

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
20PT1021 BOTHHAND-20PT1021 Datasheet
508Kb / 6P
10/100 BASE DUAL PORT TRANSFORMERS
20PT1021 BOTHHAND-20PT1021 Datasheet
54Kb / 1P
20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021A BOTHHAND-20PT1021A Datasheet
56Kb / 1P
20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
20PT1021A BOTHHAND-20PT1021A Datasheet
508Kb / 6P
10/100 BASE DUAL PORT TRANSFORMERS
20PT1021A1 BOTHHAND-20PT1021A1 Datasheet
28Kb / 1P
20 PIN DIP ETHERNET 10/100 BASE DUAL PORT TRANSFORMER
More results

Similar Description - 20PT1000

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
VDSL TRANSFORMER VDSL TRANSFORMER
logo
PCA ELECTRONICS INC.
EPD5002GE PCA-EPD5002GE Datasheet
43Kb / 1P
VDSL Transformer
logo
XFMRS Inc.
X13131VS XFMRS-X13131VS Datasheet
57Kb / 1P
VDSL TRANSFORMER
logo
Bothhand USA, LP.
VD-4025A BOTHHAND-VD-4025A Datasheet
65Kb / 1P
VDSL TRANSFORMER
VD-4025 BOTHHAND-VD-4025 Datasheet
64Kb / 1P
VDSL TRANSFORMER
VD-4008 BOTHHAND-VD-4008 Datasheet
94Kb / 1P
VDSL TRANSFORMER
logo
XFMRS Inc.
XF00339CS XFMRS-XF00339CS Datasheet
47Kb / 1P
VDSL TRANSFORMER
XF0709-AD65S XFMRS-XF0709-AD65S Datasheet
78Kb / 1P
VDSL TRANSFORMER
XF0709-AD66S XFMRS-XF0709-AD66S Datasheet
83Kb / 1P
VDSL TRANSFORMER
XFATM9DTH XFMRS-XFATM9DTH Datasheet
86Kb / 1P
VDSL TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com