Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HR003 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR003
Description  HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR003 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR003 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Date: Apr-21-2000 Pre.by: PiJunMin Rev:2.0
HOME LAN NETWORKING BANDPASS & 10/100 BASE –T FILTER
P/N: HR003: APPLY TO AMD 79C978 Single-Chip
A.GENERAL SPECIFICATIONS:
1. DESIGN FOR HOME LAN NETWORKING, PHONELINE & 10/100-TX ETHERNET
WITH COMMON MODE CHOKE.
2. SUPPORTS TUT SYSTEM HOME LAN TECHNOLOGY.
3. 16 PIN SMD PACKAGE.
B.ELECTRICAL SPECIFICATIONS @ 25
°°°°C:
1. ISOLATION HI-POT: 1500 VRMS (PRI. /SEC.)
2. TURN RATIO (+/- 5%):
TX=1CT: 1CT, RX=1:1CT
3. INDUCTANCE (uH ):
TX& RX=550(MIN)
4. LEAKAGE INDUCTANCE (.uH): 0.5 (MAX)
5. INTERWINDING CAPACITANCE (PF): TX & RX=30(MAX)
6. DC RESISTANCE (
Ω):
1.0(MAX)
7. TUT INSERTION@ 6MHz-9MHz ( dB MAX):-4.0
8. TUT ATTENUATION (dB): 1.0 MHz
27MHz
-65 (MIN)
-47 (MIN)
-70 (NORMAL) -55 (NORMAL)
9. TUT RETURN LOSS: 6.0-9.0 MHz (dB): -9.5 (MIN)
C. SCHEMATICS & DIMENSIONS & MARKING (unit mm):


Similar Part No. - HR003

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HR0030VR50291BB1 VISHAY-HR0030VR50291BB1 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
HR0030VT15238AX1 VISHAY-HR0030VT15238AX1 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
HR0030VW25291BB1 VISHAY-HR0030VW25291BB1 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
HR0035BB50291BA1 VISHAY-HR0035BB50291BA1 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
HR0035VT10138BJ1 VISHAY-HR0035VT10138BJ1 Datasheet
100Kb / 4P
High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
14-Sep-15
More results

Similar Description - HR003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF6005 ETC-XF6005 Datasheet
114Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER WITH 10 BASE -T
LH-1606N ETC1-LH-1606N Datasheet
39Kb / 1P
HOME PHONE NETWORKING BANDPASS and 10/100 BASE-T FILTER
logo
Bothhand USA, LP.
LHR002 BOTHHAND-LHR002 Datasheet
43Kb / 1P
HOME LAN NETWORKING FOR PCMCIA BANDPASS FILTER
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR002 BOTHHAND-HR002 Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR003S BOTHHAND-HR003S Datasheet
39Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
HR003X BOTHHAND-HR003X Datasheet
33Kb / 1P
HOME LAN NETWORKING & 10 /100 -T XFMER
HR004M BOTHHAND-HR004M Datasheet
153Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR007 BOTHHAND-HR007 Datasheet
25Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR008 BOTHHAND-HR008 Datasheet
67Kb / 1P
HOME LAN NETWORKING BANDPASS& 10 /100 BASE-T FILTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com