Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HR001 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # HR001
Description  HOME LAN NETWORKING BANDPASS FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

HR001 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  HR001 Datasheet HTML 1Page - Bothhand USA, LP. HR001 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HOME LAN NETWORKING BANDPASS FILTERS
BOTHHAND
USA
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Design for home LAN Networking , Phone line & Ethernet
Supports TUT system home LAN technology
Surface mountable
Integrated 10/100 Base-T transmit & receive isolation & EMI Filter
Storage temperature range: -40℃to +125℃.
Electrical Specifications @ 25℃ Operating Temperature range:0℃ to +70℃
HI-POT: 1500Vrms “*” Operating temperature range
: -40°C to +85°C .
“$” Inductance (TX& RX ): 350 uH Min with 8mA DC Bias
Part
Number
Turn Ratio
TX/RX/TUT (±5%)
L/L
(μH Max)
Inductance
TX/RX(uH Min)
DCR
TX/RX (Ω Normal/Max)
HR001
1CT:1.414CT/1:1CT/1CT:1
0.5
200
0.6/0.8
HR001A
1CT:1.414CT/1:1CT/1CT:1
0.5
200
0.8/1.0
HR001AM*
1CT:1.414CT/1:1CT/1CT:1
0.5
200
0.8/1.0
HR001B$
1CT:1CT/1:1CT/1CT:1
0.5
350
1.0
HR001BM$*
1CT:1CT/1:1CT/1CT:1
0.5
350
1.0
HR001M
1CT:1.414CT/1:1CT/1CT:1
0.5
300
0.6/0.8
HR001MM*
1CT:1.414CT/1:1CT/1CT:1
0.5
300
0.6/0.8
HR001R
1CT:1.414/1:1/1CT:1
0.7/1.2
140/180Typ
0.6/0.9
Return Loss
TX/RX (dB Min)
TUT Insertion
(dB Max)
TUT Return Loss
(dB Min)
TUT Attenuation
(dB Min/ Normal)
Part
Number
1-10MHz
6-9MHz
6-9MHz
1.0MHz
27MHz
Interwonding capacitance
TX/RX (pF Max)
HR001
-18/-23Typ
-4
-9.5
-65/-70
-47/-55
20
HR001A
-18/-23Typ
-3
10
-65-70
-47/-55
14
HR001AM*
-18/-23Typ
-3
10
-65/-70
-47/-55
14
HR001B$
-
-3
-10
-65/-70
-47/-55
30
HR001BM$*
-
-3
-10
-65/-70
-47/-55
30
HR001M
-18/-23Typ
-3
-10
-65/-70
-47/-55
20
HR001MM*
-18/-23Typ
-3
-10
-65/-70
-47/-55
20
HR001R
-18/-23Typ
-2.2
-12
-60/-65
-54/-58
14
Mechanicals


Similar Part No. - HR001

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HR001K BOTHHAND-HR001K Datasheet
267Kb / 1P
HOME PNA BANDPASS FILTER
More results

Similar Description - HR001

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
LHR002 BOTHHAND-LHR002 Datasheet
43Kb / 1P
HOME LAN NETWORKING FOR PCMCIA BANDPASS FILTER
HR004 BOTHHAND-HR004 Datasheet
30Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
EHR009 BOTHHAND-EHR009 Datasheet
189Kb / 1P
HOME LAN NETWORKING BANDPASS FILTERS
HR003 BOTHHAND-HR003 Datasheet
39Kb / 1P
HOME LAN NETWORKING BANDPASS & 10/100 BASE-T FILTER
HR002 BOTHHAND-HR002 Datasheet
265Kb / 2P
HOME LAN NETWORKING BANDPASS FILTERS
HR004M BOTHHAND-HR004M Datasheet
153Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR007 BOTHHAND-HR007 Datasheet
25Kb / 1P
HOME LAN NETWORKING BANDPASS FILTER
HR008 BOTHHAND-HR008 Datasheet
67Kb / 1P
HOME LAN NETWORKING BANDPASS& 10 /100 BASE-T FILTER
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com