Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B65671 Datasheet(PDF) 2 Page - EPCOS

Part # B65671
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65671 Datasheet(HTML) 2 Page - EPCOS

  B65671 Datasheet HTML 1Page - EPCOS B65671 Datasheet HTML 2Page - EPCOS B65671 Datasheet HTML 3Page - EPCOS B65671 Datasheet HTML 4Page - EPCOS B65671 Datasheet HTML 5Page - EPCOS B65671 Datasheet HTML 6Page - EPCOS B65671 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
To IEC 60133
Delivery mode: sets
Magnetic characteristics (per set)
Approx. weight (per set)
Gapped
Ungapped
with
center hole
without
center hole
Σl/A
le
Ae
Amin
Ve
0.4
37.2
93
76.5
3460
0.37
40
108
87
4320
mm–1
mm
mm2
mm2
mm3
m21
23
g
Material
AL value
nH
s
approx.
mm
µ
e
Ordering code 1)
-D with center hole
-T with threaded sleeve
K1
100
±3%
0.90
32
B65671+0100A001
M33
100
±3%
1.52
32
B65671+0100A033
160
±3%
0.78
51
B65671+0160A033
N48
160
±3%
0.80
51
B65671+0160A048
250
±3%
0.40
80
B65671+0250A048
315
±3%
0.34
100
B65671+0315A048
400
±3%
0.24
127
B65671+0400A048
630
±3%
0.15
201
B65671+0630A048
800
±3%
0.11
255
B65671+0800A048
1000
±5%
0.10
318
B65671D1000J048
Material
AL value
nH
µ
e
PV
W/set
Ordering code
-D with center hole
-W without center hole
N48
4900 +30/–20% 1560
B65671D0000R048
N30
9700 +30/–20% 2860
B65671W0000R030
T38
22000 +40/–30% 6480
B65671W0000Y038
N87
5500 +30/–20% 1620
< 1.9 (200 mT, 100 kHz, 100 °C)
B65671W0000R087
FPK0136-N
0,7
17,7 _
ø5,4+0,2
ø11,5 0,4
_
M3
1) Replace the + by the code letter ”D“ or ”T“ for the required version.
B65671
Core
P 26
× 16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com