Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST2201U Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST2201U
Description  Integrated Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2201U Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST2201U Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2201U Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ST2201U
Ver 0.4
Page 3/12
2009/08/17
standards including ISO7816-3, EMV for smart card standard. The interface may communication
with computer uses CCID protocol through USB.
The ST2201U has one Low Voltage Detector (LVD) for power management. The status of external
power can be detected and reported to the management software. Watch Dog Timer (WDT) is also
built-in and is an essential function for a good design.
Power consumption is another big issue for a battery-powered device. The ST2201U has different
power down modes and clock switch scheme to make the consuming power as low as possible.
The ST2201U equips an ICE debug interface for efficient development flow. Besides hardware
emulator, a software simulator is also supported to save programmers setting up the system and
makes programming be at anywhere.
With these integrated functions inside, the ST2201U single chip microcontroller is a right solution for
Smart Card reader, PDA, translator, databank and other consumer products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com