Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

N5181A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # N5181A
Description  Fast switching speeds
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

N5181A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button N5181A Datasheet HTML 3Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 4Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 5Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 6Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 7Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 8Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 9Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 10Page - Agilent(Hewlett-Packard) N5181A Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
Switching speed 1, 2
Option UNZ
Type
Standard
Option UNZ
(typical)
SCPI mode
≤ 5 ms (typ)
≤ 750 µs
≤ 650 µs
List/Step sweep mode
≤ 5 ms (typ)
≤ 500 µs
≤ 400 µs
Absolute level accuracy 3 [ALC on]
Standard
Option 1EQ
+23 4 to –60 dBm < –60 to –110 dBm
< –110 to –127 dBm
100 kHz to 250 kHz 5 ±0.6 dB
±1.0 dB
> 250 kHz to 1 MHz
±0.6 dB
±0.7 dB
±1.7 dB
> 1 MHz to 1 GHz
±0.6 dB
±0.7 dB
±1.0 dB
> 1 to 3 GHz
±0.6 dB
±0.8 dB
±1.1 dB
> 3 to 4 GHz
±0.7 dB
±0.8 dB
±1.1 dB
> 4 to 6 GHz
±0.8 dB
±1.1 dB
±1.3 dB
1.
Time from receipt of SCPI command or trigger signal to amplitude settled within 0.2 dB. For
units with serial numbers ending in 4742xxxx or less, switching speed is specified for power
levels < +5 dBm.
2.
Switching speed specifications apply when status register updates are off.
3.
Quoted specifications between 20 °C and 30 °C. For temperatures outside this range, absolute
level accuracy degrades by 0.005 dB/°C for frequencies ≤ 4.5 GHz and 0.01 dB/°C for
frequencies > 4.5 GHz. Output power may drift up to .003 dB per g/Kg change in specific
humidity (nom).
4.
Or maximum specified output power, whichever is lower.
5.
Specification applies to units with serial numbers ending with 4818xxxx or greater.
For units with lower serial numbers refer to the Archive Section at end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com