Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

81150A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 81150A
Description  Pulse Function Arbitrary Noise Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

81150A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  81150A Datasheet HTML 1Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 2Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 3Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 4Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 5Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 6Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 7Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 8Page - Agilent(Hewlett-Packard) 81150A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
Pulse Generator – Test
Your Device and Not Your
Source
Superior precision pulses with unbeatable timing stability guarantee reproducible tests.
The signal quality and trigger functionality provide everything you need for trigger or
system clock applications.
You can change the timing parameters (delay, frequency, transition time, width, duty cy-
cle) without dropouts or glitches. This patented, industry-leading feature means continu-
ous operation without having to reboot or reset your device under test, for example when
you are characterizing a device by sweeping the clock frequency. Apart from full control of
the timing parameters, you can also adjust levels and edges as needed.
81150A channel 1 pulse setup
The Agilent 81150A pulse function arbitrary noise generator is available in a 1 or 2
channel version. On the two channel version, the channels can be uncoupled, to work
independently, or coupled, for example, with a defined delay between them.
Each channel provides trigger out, strobe out and differential outputs: the basis for many
complex test set ups.
Measurement using strobe and trigger
Set up complex measurements
Gated Burst of 4
External In
Trigger Out
Strobe Out
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com