Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B41853 Datasheet(PDF) 7 Page - EPCOS

Part # B41853
Description  Aluminum electrolytic capacitors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41853 Datasheet(HTML) 7 Page - EPCOS

Back Button B41853 Datasheet HTML 3Page - EPCOS B41853 Datasheet HTML 4Page - EPCOS B41853 Datasheet HTML 5Page - EPCOS B41853 Datasheet HTML 6Page - EPCOS B41853 Datasheet HTML 7Page - EPCOS B41853 Datasheet HTML 8Page - EPCOS B41853 Datasheet HTML 9Page - EPCOS B41853 Datasheet HTML 10Page - EPCOS B41853 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
# =
Version
*** = Version
5 = for severe charge and discharge conditions
6 = for standard charge and discharge conditions
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20
mm to 18
× 40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm)
003 = for crimped leads, blister (from d
× l = 10 ×
20 mm to 18
× 40 mm)
004 = for J leads, blister (from d
× l = 10 × 20 mm
to 18
× 35 mm)
008 = for taped leads, Ammo pack, lead spacing
F = 5.0 mm (for d
× l = 10 × 20 mm)
009 = for taped leads, Ammo pack, lead spacing
F = 7.5 mm (from d
× l = 16 × 20 mm to
18
× 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18
mm)
VR = 25 V DC
1000
10
× 20
1.264
0.253
0.158
0.136
875
1181
B418#3A5108A***
1200
12.5
× 20
0.784
0.211
0.098
0.085
1105
1492
B418#3A5128A***
1500
12.5
× 20
0.784
0.168
0.098
0.085
1105
1492
B418#3A5158A***
1800
12.5
× 25
0.712
0.140
0.089
0.078
1358
1833
B418#3A5188A***
2200
16
× 20
0.664
0.129
0.083
0.075
1895
2558
B418#3A5228A***
2700
16
× 20
0.664
0.105
0.083
0.075
1895
2558
B418#3A5278A***
3300
18
× 20
0.480
0.096
0.060
0.054
2190
2957
B418#3A5338A***
3900
18
× 25
0.400
0.081
0.050
0.045
2454
3313
B418#3A5398A***
4700
18
× 25
0.400
0.074
0.050
0.045
2454
3313
B418#3A5478A***
5600
18
× 31.5 0.376
0.068
0.047
0.042
3178
4290
B418#3A5568A***
6500
18
× 31.5 0.376
0.063
0.047
0.042
3178
4290
B418#3A5658A***
6800
18
× 35
0.320
0.060
0.040
0.036
3638
4911
B418#3A5688A***
7500
18
× 35
0.320
0.059
0.040
0.036
3638
4911
B418#3A5758A***
8200
18
× 40
0.224
0.058
0.028
0.026
4164
5621
B418#3A5828A***
10000
18
× 40
0.224
0.054
0.028
0.026
4164
5621
B418#3A5109A***
B41853, B41863
For airbag applications
105
°C
Page 7 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com