Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE5372 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE5372
Description  Low Power Real-Time Clock (RTC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5372 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE5372 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE5372 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
 
                                                                                                                  
ACE5372
                        Technology
Low Power Real-Time Clock (RTC)
VER 1.2
3
Bypass Capacitance
OSCIN and OSCOUT
These pins configure an oscillator circuit by connecting a crystal oscillator between the OSCIN-OSCOUT
pins. The diagram beside shows the connection method of such crystal oscillator circuit. It’s
recommended to choose the right crystal oscillator parameter referring to the supplier’s suggestion, since
it does determine the start-up reliability and oscillation stability provided by external devices. The
influence of the distributing capacitance should be considered when choosing capacitance capacity in an
oscillator circuit. To minimize output distortion, both crystal oscillator and capacitance should be installed
as close to ACE5372 pin as possible.
ACE5372
Crystal Oscillator
Connection with External
Capacitance
SCL and SDA
SCL and SDA are Serial Clock Line and Serial Data Line, relatively. SCL is used to input shift clock
pulses to synchronize data input/output to and from the SDA pin with this clock. SDA inputs and outputs
written or read data in synchronization with shift clock pulses from the SCL pin. Depend on different level
of current, separate pull-up resistance can be added to SCL and SDA on exterior circuit board.
INTRA and INTRB
INTRA and INTRB are two interrupt output ports and are both open drain outputs. When using ACE5372
a pull-up resistance must be connected with pins of INTRA and INTRB. INTRA could output periodic
interrupt pulses and alarm interrupt (ALARM-A, ALARM-B); INTRB could output 32.768KHz clock pulses
(when 32.768KHz crystal is used), periodic interrupt pulses, alarm interrupt (ALARM-B). When power is
activated from 0V, it could output 32.768kHz clock pulses (when 32.768KHz crystal is used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com