Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STHV748 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STHV748
Description  5-level, 짹90 V, 2 A high-speed pulser with four independent channels
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHV748 Datasheet(HTML) 1 Page - STMicroelectronics

  STHV748 Datasheet HTML 1Page - STMicroelectronics STHV748 Datasheet HTML 2Page - STMicroelectronics STHV748 Datasheet HTML 3Page - STMicroelectronics STHV748 Datasheet HTML 4Page - STMicroelectronics STHV748 Datasheet HTML 5Page - STMicroelectronics STHV748 Datasheet HTML 6Page - STMicroelectronics STHV748 Datasheet HTML 7Page - STMicroelectronics STHV748 Datasheet HTML 8Page - STMicroelectronics STHV748 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2010
Doc ID 15450 Rev 1
1/22
22
STHV748
5-level, ±90 V, 2 A high-speed pulser
with four independent channels
Features
High-density ultrasound transmitter
0 to ±90 V output voltage
Up to 20 MHz operating frequency
Low-power, high-voltage drivers
2 independently supplied half bridges for each
channel in pulse wave (PW) mode
– 5-level output waveform
– ±2 A source and sink current
– Down to 20 ps jitter
– Anti-cross conduction function
– Low 2nd harmonic distortion
– Fine-tuning on propagation delay
Fully integrated clamping-to-ground function
–6
Ω synchronous active clamp
– Anti-leakage on output node
Dedicated half bridge for continuous wave
(CW) mode on each
– Down to 0.1 W power consumption
– ±0.6 A source and sink current
– Down to 10 ps jitter
Fully integrated HV receiver switch
– 13.5
Ω on resistance
– HV MOS topology to minimize current
consumption
– Up to 300 MHz BW
2.4 V to 3.6 V CMOS logic interface
Auxiliary integrated circuits
– Noise blocking diodes
– Fully self-biaising architecture
– Anti-memory effect for all internal HV
nodes
– Thermal protection
– Stand by function
Latch-up free due to HV SOI technology
Very few external passive components needed
Applications
Medical ultrasound imaging
Pulse waveform generator
NDT ultrasound transmission
Piezoelectric transducers driver
Description
This monolithic, high-voltage, high-speed pulser
generator features four independent channels. It
is designed for medical ultrasound applications,
but can also be used for other piezoelectric,
capacitive or MEMS transducers. The device
comprises a controller logic interface circuit, level
translators, MOSFET gate drivers, noise blocking
diodes and high-power P-channel and N-channel
MOSFETs as output stage for each channel,
clamping-to-ground circuitry, anti-leakage, anti-
memory effect block, thermal sensor and HV
receiver switch (HVR_SW) which guarantees a
strong decoupling during transmission phase.
Moreover the STHV748 includes self biasing and
thermal shutdown blocks (see Figure 1).
Each channel can support up to five active output
levels with two half bridges. The output stage of
each channel is able to provide ±2 A peak output
current. In order to reduce power dissipation
during continuous wave mode, the peak current is
limited to 0.6 A (a dedicated half bridge is used).
Table 1.
Device summary
Order code
Package
Packaging
STHV748QTR
QFN64
Tape and reel
QFN64 9 x 9 x1.0 mm
www.st.com


Similar Part No. - STHV748

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results

Similar Description - STHV748

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
HV748 SUTEX-HV748_12 Datasheet
717Kb / 8P
Four-Channel, High Speed, 짹75V 1.25A Ultrasound Pulser
HV738 SUTEX-HV738_11 Datasheet
672Kb / 8P
Four-Channel, High Speed, 짹65V 750mA Ultrasound Pulser
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
Two independent operating channels
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
Four independent operating channels
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV1600 STMICROELECTRONICS-STHV1600 Datasheet
1Mb / 4P
16 channel ±100 V, ±2/±4 A, 5/3 level with RTZ, T/R switch, high-speed ultrasound pulser with integrated transmit beamformer
May 2020 Rev 2
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com