Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1105 Datasheet(PDF) 1 Page - ams AG

Part # AS1105
Description  Serially Interfaced, 4-Digit LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1105 Datasheet(HTML) 1 Page - ams AG

  AS1105 Datasheet HTML 1Page - ams AG AS1105 Datasheet HTML 2Page - ams AG AS1105 Datasheet HTML 3Page - ams AG AS1105 Datasheet HTML 4Page - ams AG AS1105 Datasheet HTML 5Page - ams AG AS1105 Datasheet HTML 6Page - ams AG AS1105 Datasheet HTML 7Page - ams AG AS1105 Datasheet HTML 8Page - ams AG AS1105 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AS1105
Serially Interfaced, 4-Digit LED Driver
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.34
1 - 15
1 General Description
The AS1105 is an LED driver for 7-segment numeric
displays of up to 4 digits. The AS1105 can be
programmed via a conventional 4-wire serial interface.
The device includes a BCD code-B decoder, a multiplex
scan circuitry, segment and display drivers, and a 32-bit
memory. The memory is used to store the LED settings,
so that continuous reprogramming is not necessary.
Every individual segment can be addressed and
updated separately. Only one external resistor is
required to set the current through the LED display.
Brightness can be controlled either in an analog or
digital way. The user can choose the internal code-B
decoder to display numeric digits or to address each
segment directly.
The AS1105 features an extremely low shutdown
current of only 20µA and an operational current of less
than 500µA. The number of visible digits can be
programmed as well.
The AS1105 can be reset by software and an external
clock can be used. Several test modes support easy
debugging.
AS1105 is offered in a 20-pin SOIC package.
2 Key Features
!
Cost effective version of AS1100 functionality for
applications up to 4-Digits
!
10MHz Serial Interface
!
Individual LED Segment Control
!
Decode/No-Decode Digit Selection
!
20µA Low-Power Shutdown (Data Retained)
!
Extremely low Operating Current 0.5mA in open
loop
!
Digital and Analog Brightness Control
!
Display Blanked on Power-Up
!
Drive Common-Cathode LED Display
!
Software Reset
!
Optional External clock
!
20-pin SOIC Package
3 Applications
The AS1105 is an ideal solution for Bar-Graph Displays,
Industrial Controllers, Panel Meters, LED Matrix
Displays and White Goods such as washing machines,
dishwasher, etc.
Figure 1. Typical Application Circuit
4 Digits
8 Segments
GND
GND
CLK
LOAD
DIN
ISET
VDD
DIFG0-DIG3
SEG A-G
SEP DP
MOSI
µP I/O
SCK
+5V
4-Digit µP Display
9.53k


Similar Part No. - AS1105

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
ams-OSRAM AG
AS1105 AMSOSRAM-AS1105 Datasheet
600Kb / 17P
Serially Interfaced, 4-Digit LED Driver
Revision 1.36
logo
ams AG
AS1105WE4 AMSCO-AS1105WE4 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
AS1105WL AMSCO-AS1105WL Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
More results

Similar Description - AS1105

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
Serially Interfaced, 8-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
logo
ams AG
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
Serially Interfaced, 4-Digit LED Driver
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com