Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SRGP Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SRGP
Description  Hollow Shaft Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SRGP Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SRGP Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SRGP Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Encoder
Type
Potentiometer
Type
453
Hollow Shaft
Type Devices
0.6
31.8
0.6
ø30
ø18.5
ø16.3
ø23.9
5
1.5
20
9
4.5
3.5
1.2
3
A
R0.5
2.6
3.5
1
23.6
A
3.4
9.4
9
2
6
9.5
ø22
6
1
5
4.5 3.6
1.2
2
2
C0.3
q
w
C
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from the Direction A)
No.
Style
1
2-ø1.5 holes
ø2.1
3-ø1 holes
ø2.05
11.8
6
17
(18゚)
T
T4
T3
T2
T1
(36゚)
OFF
ON
T1,T3
=1/4T±1/8T
OFF
ON
Clockwise
Counter-clockwise
Detent position
T2,T4
=Phase difference shall not be reversed
Phase difference of code portion
2
1
2
1.6
2-ø2.55 holes
3-ø1 holes
5
23
31.8
12
C
PC board thickness in above diagram is based on 1.6mm.
Note
(SRGPWJ0500)
T2,T4=Phase difference shall not be reversed
T2,T4=Phase difference shall not be reversed
Phase difference of code portion
(SRGPWJ0200)
Detent position
Detent position
(22.5゚)
T1 T2
T3 T4
T
ON
OFF
T1,T3=1 / 4T
±1 / 8T
ON
OFF
T1
T2 T3
T4
T
ON
OFF
T1,T3=1 / 4T
±1 / 8T
ON
OFF
(22.5゚)
(11.25゚)
2
1
2
1
Clockwise
Counter-clockwise
Clockwise
Counter-clockwise
Hollow Shaft Type
SRGP Series
Hollow Shaft Type Devices



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com