Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1108 Datasheet(PDF) 5 Page - ams AG

Part # AS1108
Description  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1108 Datasheet(HTML) 5 Page - ams AG

  AS1108 Datasheet HTML 1Page - ams AG AS1108 Datasheet HTML 2Page - ams AG AS1108 Datasheet HTML 3Page - ams AG AS1108 Datasheet HTML 4Page - ams AG AS1108 Datasheet HTML 5Page - ams AG AS1108 Datasheet HTML 6Page - ams AG AS1108 Datasheet HTML 7Page - ams AG AS1108 Datasheet HTML 8Page - ams AG AS1108 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.austriamicrosystems.com
Revision 2.11
5 - 19
AS1108
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 5V, RSET = 9.53k
Ω, TAMB = 25ºC (unless otherwise specified).
Figure 3. Scan Frequency vs.Temperature
Figure 4. Scan Frequency vs. VDD
Figure 5. ISEG vs. Temperature
Figure 6. ISEG vs. VDD
Figure 7. ISEG vs. VOUT
Figure 8. ISEG vs. VOUT
1860
1880
1900
1920
1940
1960
1980
-40
-20
0
20406080
TAMB (°C)
1800
1820
1840
1860
1880
1900
1920
1940
1960
23456
VDD (V)
0
5
10
15
20
25
30
35
40
45
50
-40
-20
0
20406080
TAMB (°C)
0
10
20
30
40
50
60
22.5
33.5
44.5
55.5
6
VDD (V)
VDD = 5V, VOUT = 2.4V
VDD = 5V, VOUT = 4V
VDD = 2.7V, VOUT = 2V
VDD = 2.7V, VOUT = 2.4V
VOUT = 1.7V
VOUT = 2.4V
VOUT = 4V
0
5
10
15
20
25
30
35
40
45
50
00.5
11.5
22.533.5
44.5
5
VOUT (V)
VDD = 2.7V
0
5
10
15
20
25
00.511.522.5
VOUT (V)
RSET = 10k
Ω
RSET = 20k
Ω
RSET = 40k
Ω
RSET = 40k
Ω
RSET = 10k
Ω
RSET = 20k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com