Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1110 Datasheet(PDF) 1 Page - ams AG

Part # AS1110
Description  Constant-Current, 16-Channel LED Driver with Diagnostics
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1110 Datasheet(HTML) 1 Page - ams AG

  AS1110 Datasheet HTML 1Page - ams AG AS1110 Datasheet HTML 2Page - ams AG AS1110 Datasheet HTML 3Page - ams AG AS1110 Datasheet HTML 4Page - ams AG AS1110 Datasheet HTML 5Page - ams AG AS1110 Datasheet HTML 6Page - ams AG AS1110 Datasheet HTML 7Page - ams AG AS1110 Datasheet HTML 8Page - ams AG AS1110 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
AS1110
Consta nt-Current, 16-Channel LE D Driver with Diagnost ics
Datash eet
www.austriamicrosystems.com
Revision 1.04
1 - 24
1 General Description
The AS1110 is designed to drive up to 16 LEDs through
a fast serial interface and features 16 output constant
current drivers and an on-chip diagnostic read-back
function.
The high clock-frequency (up to 50MHz), adjustable out-
put current, and flexible serial interface makes the
device perfectly suited for high-volume transmission
applications.
Output current is adjustable (up to 100mA/channel)
using an external resistor (REXT).
The serial interface with Schmitt trigger inputs includes
an integrated shift register. Additionally, an internal data
register stores the currently displayed data.
The device features integrated diagnostics for over-
temperature, open-LED, and shorted-LED conditions.
Integrated registers store global fault status information
during load as well as the detailed temperature/open-
LED/shorted-LED diagnostics results.
The AS1110 also features a low-current diagnostic
mode to minimize display flicker during fault testing.
The AS1110 is available in a 24-pin SSOP and the 28-
pin QFN (5x5mm) package.
Figure 1. Main Diagram and Pin Assignments
2 Key Features
!
16 Constant-Current Output Channels
!
Excellent Output Current Accuracy
- Between Channels: <±3%
- Between Devices: <±3%
!
Output Current Per Channel: 0.5mA to 100mA
!
Controlled In-Rush Current
!
Over-Temperature, Open-LED, Shorted-LED
Diagnostic Functions
!
Low-Current Test Mode
!
Global Fault Monitoring
!
Low Shutdown Mode Current: 10µA
!
Fast Serial Interface: 50MHz
!
Cascaded Configuration
!
Extremely Fast Output Drivers Suitable for PWM
!
24-pin SSOP and 28-pin QFN (5x5mm) Package
3 Applications
The device is ideal for fixed- or slow-rolling displays
using static or multiplexed LED matrix and dimming
functions, large LED matrix displays, mixed LED display
and switch monitoring, displays in elevators, public
transports (underground, trains, buses, taxis, airplanes,
etc.), large displays in stadiums and public areas, price
indicators in retail stores, promotional panels, bar-graph
displays, industrial controller displays, white good pan-
els, emergency light indicators, and traffic signs.
AS1110
SDI
SDO
CLK
LD
OEN
REXT
+VLED
GND
VDD


Similar Part No. - AS1110

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams-OSRAM AG
AS1110 AMSOSRAM-AS1110 Datasheet
874Kb / 26P
Constant-Current, 16-Channel LED Driver with Diagnostics
Revision 1.6
logo
ams AG
AS1110-BQFR AMSCO-AS1110-BQFR Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1110

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1109 AMSCO-AS1109 Datasheet
349Kb / 2P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
Constant-Current, 16-Channel LED Driver with Diagnostics
AS1109 AMSCO-AS1109_1 Datasheet
1,003Kb / 26P
Constant-Current, 8-Bit LED Driver with Diagnostics
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
ams AG
AS1109 AMSCO-AS1109_04 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1109 TAOS-AS1109 Datasheet
367Kb / 25P
Constant-Current, 8-Bit LED Driver with Diagnostics
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
Constant-Current, 16-Channel LED Driver with Diagnostics
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
logo
Texas Instruments
TLC6C5716-Q1 TI1-TLC6C5716-Q1 Datasheet
627Kb / 49P
Automotive 16-Channel, Full Diagnostics, Constant-Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com