Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1153 Datasheet(PDF) 2 Page - ams AG

Part # AS1153
Description  Single/Dual LVDS Receivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1153 Datasheet(HTML) 2 Page - ams AG

  AS1153 Datasheet HTML 1Page - ams AG AS1153 Datasheet HTML 2Page - ams AG AS1153 Datasheet HTML 3Page - ams AG AS1153 Datasheet HTML 4Page - ams AG AS1153 Datasheet HTML 5Page - ams AG AS1153 Datasheet HTML 6Page - ams AG AS1153 Datasheet HTML 7Page - ams AG AS1153 Datasheet HTML 8Page - ams AG AS1153 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.austriamicrosystems.com
Revision 1.01
2 - 15
AS1153/55
Data Sheet - P i n o u t a n d P a c k a g i n g
4 Pinout and Packaging
Pin Assignments
Figure 2. AS1153/55 and AS1157/58 Pin Assignments (Top View)
Pin Descriptions
Table 1. AS1153/55 and AS1157/58 Pin Descriptions
Pin Number
Pin Name
Description
AS1155/58
AS1153/57
11
IN1-
Inverting Differential Receiver Input
22
IN1+
Noninverting Differential Receiver Input
3IN2+
Noninverting Differential Receiver Input
4IN2-
Inverting Differential Receiver Input
55
GND
Ground
6OUT2
LVCMOS/LVTTL Receiver Output
77
OUT1
LVCMOS/LVTTL Receiver Output
88
VCC
Power-Supply Input. Bypass VCC to GND with 0.1µF and
0.001µF ceramic capacitors.
3, 4, 6
N/C
Not connected
VCC
OUT1
N/C
GND
IN1-
IN1+
N/C
N/C
AS1155/58
1
2
3
4
8
7
6
5
VCC
OUT1
OUT2
GND
IN1-
IN1+
IN2+
IN2-
AS1153/57
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com