Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1335 Datasheet(PDF) 3 Page - ams AG

Part # AS1335
Description  1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1335 Datasheet(HTML) 3 Page - ams AG

  AS1335 Datasheet HTML 1Page - ams AG AS1335 Datasheet HTML 2Page - ams AG AS1335 Datasheet HTML 3Page - ams AG AS1335 Datasheet HTML 4Page - ams AG AS1335 Datasheet HTML 5Page - ams AG AS1335 Datasheet HTML 6Page - ams AG AS1335 Datasheet HTML 7Page - ams AG AS1335 Datasheet HTML 8Page - ams AG AS1335 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.austriamicrosystems.com
Revision 1.02
3 - 18
AS1335
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN to GND
-0.3
6
V
SW to GND
-0.3
VIN + 0.3
V
EN, FB to GND
-0.3
VIN
V
P-Channel Switch Source Current (DC)
1.5
A
N-Channel Switch Source Current (DC)
1.5
A
Peak SW Sink and Source Current
3
A
Thermal Resistance
ΘJA
36.7
ºC/W
on PCB
Latch-Up
-100
100
mA
@85°C, JEDEC 78
Electrostatic Discharge
2kV
HBM MIL-Std. 883E 3015.7 methods
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Junction Temperature
125
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020D “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.
The lead finish for Pb-free leaded packages
is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com