Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1352 Datasheet(PDF) 3 Page - ams AG

Part # AS1352
Description  Programmable Quad LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1352 Datasheet(HTML) 3 Page - ams AG

  AS1352 Datasheet HTML 1Page - ams AG AS1352 Datasheet HTML 2Page - ams AG AS1352 Datasheet HTML 3Page - ams AG AS1352 Datasheet HTML 4Page - ams AG AS1352 Datasheet HTML 5Page - ams AG AS1352 Datasheet HTML 6Page - ams AG AS1352 Datasheet HTML 7Page - ams AG AS1352 Datasheet HTML 8Page - ams AG AS1352 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.austriamicrosystems.com
Revision 1.31
3 - 10
AS1352
Data Sheet - Ab solute Maximum Ratings
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical Character-
istics on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to GND
-0.3
7
V
Any other Pin to GND
-0.3
VDD + 0.3
V
Continuous Power Dissipation
QFN12 4x4mm
1100
2800
mW
Min value measured at TAMB = 85ºC; max
value measured at TAMB = 25ºC
Operating Ambient
Temperature
-40
85
ºC
Storage Temperature
-65
150
ºC
Electrostatic Discharge
Protection (ESD) Level
1
kV
HBM – Norm: MIL 883 E method 3015
Package-Body Peak
Temperature
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non-Hermetic
Solid State Surface Mount Devices”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com