Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS5046ASSU Datasheet(PDF) 26 Page - ams AG

Part # AS5046ASSU
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046ASSU Datasheet(HTML) 26 Page - ams AG

Back Button AS5046ASSU Datasheet HTML 22Page - ams AG AS5046ASSU Datasheet HTML 23Page - ams AG AS5046ASSU Datasheet HTML 24Page - ams AG AS5046ASSU Datasheet HTML 25Page - ams AG AS5046ASSU Datasheet HTML 26Page - ams AG AS5046ASSU Datasheet HTML 27Page - ams AG AS5046ASSU Datasheet HTML 28Page - ams AG AS5046ASSU Datasheet HTML 29Page - ams AG AS5046ASSU Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder – Preliminary Data Sheet
Revision 1.1
www.austriamicrosystems.com
Page 26 of 33
where:
Vnoise, Vout
= noise level at pin Vout in Vrms
TN
= transition noise (in °rms; see 5.5)
VDD5V
= Supply voltage VDD5V in V
Vnoise,OPAMP
= noise level of OPAMP
(paragraph 0) in Vrms
12.7 Application Examples
Application Note AN5043-10 shows various application
examples for the AS5043 encoder IC. The same
application examples apply for the analog output of the
AS5046.
13 Analog Readback Mode
Non-volatile programming (OTP) uses on-chip zener diodes, which become permanently low resistive when subjected to a
specified reverse current.
The quality of the programming process depends on the amount of current that is applied during the programming process
(up to 130mA). This current must be provided by an external voltage source. If this voltage source cannot provide adequate
power, the zener diodes may not be programmed properly.
In order to verify the quality of the programmed bits, an analog level can be read for each zener diode, giving an indication
whether this particular bit was properly programmed or not.
To put the AS5046 in Analog Readback Mode, a digital sequence must be applied to pins CSn, PROG and CLK as shown in
Figure 18. The digital level for this pin depends on the supply configuration (3.3V or 5V; see section 7, page 9).
The second rising edge on CSn (OutpEN) changes pin PROG to a digital output and the log. high signal at pin PROG must
be removed to avoid collision of outputs (grey area in Figure 18).
The following falling slope of CSn changes pin PROG to an analog output, providing a reference voltage Vref, that must be
saved as a reference for the calculation of the subsequent programmed and unprogrammed OTP bits.
Following this step, each rising slope of CLK outputs one bit of data in the reverse order as during programming.
(see Figure 18: Output Range OR0 and -1 , ClampMdEn, RefExtEn, FB_IntEn, Z0…Z9, ccw)
During analog readback, the capacitor at pin PROG (see Figure 15) should be removed to allow a fast readout rate.
The measured analog voltage for each bit must be subtracted from the previously measured Vref, and the resulting value
gives an indication on the quality of the programmed bit: a reading of <100mV indicates a properly programmed bit and a
reading of >1V indicates a properly unprogrammed bit.
A reading between 100mV and 1V indicates a faulty bit, which may result in an undefined digital value, when the OTP is
read at power-up.
Following the 16th clock (after reading bit “ccw”), the chip must be reset by disconnecting the power supply.
Figure 18: Analog OTP Register Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com