Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSPIC33FJ32GS406 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC33FJ32GS406
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GS406 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC33FJ32GS406 Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 19Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 20Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 21Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 22Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 23Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 24Page - Microchip Technology DSPIC33FJ32GS406 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 21
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
TABLE 1-1:
PINOUT I/O DESCRIPTIONS
Pin Name
Pin
Type
Buffer
Type
Description
AN0-AN23
I
Analog
Analog input channels
CLKI
CLKO
I
O
ST/CMOS
—
External clock source input. Always associated with OSC1 pin function.
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. Optionally functions as CLKO in RC and EC modes.
Always associated with OSC2 pin function.
OSC1
OSC2
I
I/O
ST/CMOS
—
Oscillator crystal input. ST buffer when configured in RC mode; CMOS
otherwise.
Oscillator crystal output. Connects to crystal or resonator in Crystal
Oscillator mode. Optionally functions as CLKO in RC and EC modes.
SOSCI
SOSCO
I
O
ST/CMOS
—
32.768 kHz low-power oscillator crystal input; CMOS otherwise.
32.768 kHz low-power oscillator crystal output.
CN0-CN23
I
ST
Change notification inputs. Can be software programmed for internal
weak pull-ups on all inputs.
C1RX
C1TX
I
O
ST
—
ECAN1 bus receive pin.
ECAN1 bus transmit pin.
IC1-IC4
I
ST
Capture inputs 1/4
INDX1, INDX2, AINDX1
QEA1, QEA2, AQEA1
QEB1, QEB2, AQEB1
UPDN1
I
I
I
O
ST
ST
ST
CMOS
Quadrature Encoder Index Pulse input.
Quadrature Encoder Phase A input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
Quadrature Encoder Phase A input in QEI mode.
Auxiliary Timer External Clock/Gate input in Timer mode.
Position Up/Down Counter Direction State.
OCFA
OCFB
OC1-OC4
I
I
O
ST
ST
—
Compare Fault A input (for Compare Channels 1 and 2)
Compare Fault B input (for Compare Channels 3 and 4)
Compare Outputs 1 through 4
INT0
INT1
INT2
INT3
INT4
I
I
I
I
I
ST
ST
ST
ST
ST
External Interrupt 0
External Interrupt 1
External Interrupt 2
External Interrupt 3
External Interrupt 4
RA0-RA15
I/O
ST
PORTA is a bidirectional I/O port
RB0-RB15
I/O
ST
PORTB is a bidirectional I/O port
RC0-RC15
I/O
ST
PORTC is a bidirectional I/O port
RD0-RD15
I/O
ST
PORTD is a bidirectional I/O port
RE0-RE9
I/O
ST
PORTE is a bidirectional I/O port
RF0-RF13
I/O
ST
PORTF is a bidirectional I/O port
RG0-RG15
I/O
ST
PORTG is a bidirectional I/O port
T1CK
T2CK
T3CK
T4CK
T5CK
I
I
I
I
I
ST
ST
ST
ST
ST
Timer1 External Clock Input
Timer2 External Clock Input
Timer3 External Clock Input
Timer4 External Clock Input
Timer5 External Clock Input
Legend: CMOS = CMOS compatible input or output
Analog = Analog input
I = Input
ST = Schmitt Trigger input with CMOS levels
P = Power
O = Output
TTL = Transistor-Transistor Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com