Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

dsPIC33FJ32GS608 Datasheet(PDF) 5 Page - Microchip Technology

Part # dsPIC33FJ32GS608
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ32GS608 Datasheet(HTML) 5 Page - Microchip Technology

  dsPIC33FJ32GS608 Datasheet HTML 1Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 2Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 3Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 4Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 5Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 6Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 7Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 8Page - Microchip Technology dsPIC33FJ32GS608 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 416 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70591B-page 5
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
CMOS Flash Technology:
• Low-power, high-speed Flash technology
• Fully static design
• 3.3V (±10%) operating voltage
• Industrial and Extended temperature
• Low power consumption
System Management:
• Flexible clock options:
- External, crystal, resonator, internal RC
- Phase-Locked Loop (PLL) with 120 MHz VCO
- Primary Crystal Oscillator (OSC) in the range
of 3 MHz to 40 MHz
- Secondary oscillator (SOSC)
- Internal Low-Power RC (LPRC) oscillator at a
frequency of 32.767 kHz
- Internal Fast RC (FRC) oscillator at a
frequency of 7.37 MHz
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer with its RC oscillator
• Fail-Safe Clock Monitor
• Reset by multiple sources
• In-Circuit Serial Programming™ (ICSP™)
• Reference Oscillator Output
Application Examples:
• AC-to-DC Converters
• Automotive HID
• Battery Chargers
• DC-to-DC Converters
• Digital Lighting
• Induction Cooking
•LED Ballast
• Renewable Power/Pure Sine Wave Inverters
• Uninterruptible Power Supply (UPS)
Packaging:
• 64-pin QFN (9x9x0.9 mm)
• 64-pin TQFP (10x10x1 mm)
• 80-pin TQFP (12x12x1 mm)
• 100-pin TQFP (14x14x1 mm and 12x12x1 mm)
Note:
See the dsPIC33FJ32GS406/606/608/
610 and dsPIC33FJ64GS406/606/608/
610 Controller Families table for exact
peripheral features per device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com