Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSM4835 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4835
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4835 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4835 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4835 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
TSM4835
30V P-Channel MOSFET
1/1
Version: Preliminary
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switches
●
Desktop PCs
●
Notebook PCs
Ordering Information
Part No.
Package
Packing
TSM4835CS RL
SOP-8
2.5Kpcs / 13” Ree
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±25
V
Continuous Drain Current
ID
-9.6
A
Pulsed Drain Current
IDM
-50
A
Continuous Source Current (Diode Conduction)
a,b
IS
-2.1
A
Ta = 25
oC
2.5
Maximum Power Dissipation
Ta = 75
oC
PD
1.6
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Foot (Drain) Thermal Resistance
RӨJF
18
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
39
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
18 @ VGS = -10V
-9.6
-30
30 @ VGS = -4.5V
-7.5
Block Diagram
P-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4835

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
TSM4835CS TSC-TSM4835CS Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
More results

Similar Description - TSM4835

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com