Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UNO-DIN21 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # UNO-DIN21
Description  UNO-2000/ADAM Integration Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-DIN21 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  UNO-DIN21 Datasheet HTML 1Page - Advantech Co., Ltd. UNO-DIN21 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Embedded Automation Computers
UNO-FPM21
UNO & FPM Integration Kit
UNO-FPM21 could provide excellent
integration of UNO and FPM models which
could help installation easier and save more
space in filed.
Dimensions: 228 x 32 x 152 mm
(W x H x D) (Only extension kit)
Dimensions: 228 x 32 x 152 mm
(W x H x D) (Only extension kit)
UNO-PCM
UNO-2100 Series PC/104 Expansion Kit
Features
Powerful and flexible computing
Remote Display
Dimensions: 271 x 163 x 12 mm (W x H x D) (Only extension kit)
Supports VESA 75 and 100 monitor
Supported Model List
UNO model
All UNO-205XE series and UNO-21XX series
FPM model
All FPM 12", 15", 17", 19" model
Ordering Information
UNO-FPM21-AE
UNO & FPM integration kit
Supported Model List
UNO-2170
This kit includes one solid panel, one "2 x DB-9" panel and one "4 x DB-9" panel
Ordering Information
UNO-PCM21-AE
UNO-2170 series 2 x PC/104 expansion kit
Supported Model List
UNO-2171, UNO-2172, UNO-2176, UNO-2182
This kit includes one solid panel, one "2 x DB-9" panel and one "4 x DB-9" panel
Ordering Information
UNO-PCM22-AE
2 x PC/104 expansion kit
UNO-DIN21
UNO-2100 Series DIN-rail Kit
Supports DIN-rail mounting
(EN50022, 35 mm X 7.5 mm)
Supported Model List
UNO model All UNO-21XX series
Ordering Information
UNO-DIN21-AE
UNO-2100 series DIN-rail Kit
Accessories



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com