Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3032IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LT3032IDE
Description  Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3032IDE Datasheet HTML 12Page - Linear Technology LT3032IDE Datasheet HTML 13Page - Linear Technology LT3032IDE Datasheet HTML 14Page - Linear Technology LT3032IDE Datasheet HTML 15Page - Linear Technology LT3032IDE Datasheet HTML 16Page - Linear Technology LT3032IDE Datasheet HTML 17Page - Linear Technology LT3032IDE Datasheet HTML 18Page - Linear Technology LT3032IDE Datasheet HTML 19Page - Linear Technology LT3032IDE Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3032
20
3032f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0210 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1175
800mA Negative Low Dropout
Micropower Regulator
VIN: –4.5V to -20V, IQ = 45μA, 0.5V Dropout Voltage, S8, DD-Pak, TO-220 and SOT-223
Packages
LT1761
100mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, ThinSOT package
LT1762
150mA, Low Noise LDO
300mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, MS8 package
LTC1844
150mA, Very Low Dropout LDO
80mV Dropout Voltage, Low Noise <30μVRMS, VIN = 1.6V to 6.5V, Stable with 1μF Output
Capacitors, ThinSOT Package
LT1962
300mA, Low Noise LDO
270mV Dropout Voltage, Low Noise: 20μVRMS, VIN = 1.8V to 20V, MS8 Package
LT1964
200mA, Low Noise, Negative LDO
340mV Dropout Voltage, Low Noise 30μVRMS, VIN = –1.8V to –20V, ThinSOT Package
LT3023
Dual 100mA, Low Noise, Micropower LDO VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 40μA, ISD < 1μA; DFN and MS10E
Packages
LT3024
Dual 100mA/500mA, Low Noise,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 60μA, ISD < 1μA; DFN and
TSSOP-16E Packages
LT3027
Dual 100mA, Low Noise, Micropower
LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.30V, IQ = 50μA, ISD < 1μA; DFN and MS10E
Packages
LT3028
Dual 100mA/500mA, Low Noise,
Micropower LDO with Independent Inputs
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.32V, IQ = 60μA, ISD < 1μA; DFN and
TSSOP-16E Packages
LT3029
Dual 500mA/500mA, Low Dropout, Low
Noise, Micropower Linear Regulator
Low Noise: 20μVRMS (10Hz to 100kHz), Low Quiescent Current: 55μA per Channel Wide
Input Voltage Range: 1.8V to 20V (Common or Independent Input Supply) Adjustable
Output: 1.215V Reference, Very Low Quiescent Current in Shutdown: <1μA per Channel
Stable with 3.3μF Minimum Output Capacitor, Thermally Enhanced 16-Lead MSOP and
16-Lead (4mm × 3mm) DFN Packages
LT3082
200mA, Parallelable, Single Resistor, Low
Dropout Linear Regulator
Wide Input Voltage Range: 1.2V to 40V Low Value Input/Output Capacitors Required:
0.22μF, Single Resistor Sets Output Voltage Initial Set Pin Current Accuracy: 1%, Low
Output Noise: 40μVRMS (10Hz to 100kHz) Reverse-Battery Protection, Reverse-Current
Protection 8-Lead SOT-23, 3-Lead SOT-223 and 8-Lead 3mm × 3mm DFN Packages
ThinSOT is a trademark of Linear Technology Corporation.
LT3032
INP
10μF
10μF
3032 TA02
536k
536k
95.3k
250k
OUTP
5.5V TO
20V
–5.5V TO
–20V
OUTN
ADJP
BYPP
BYPN
ADJN
GND
SHDNP
SHDNN
0.01μF
0.01μF
5V TO 15V
AT 150mA
–5V TO –15V
AT –150mA
ON
OFF
±5V to ±15V Tracking Supply
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com