Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAS109B Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAS109B
Description  PAS109BC QQVGA COLOR CMOS IMAGE SENSOR PAS109BB QQVGA MONO CMOS IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS109B Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAS109B Datasheet HTML 3Page - Pixart Imaging Inc. PAS109B Datasheet HTML 4Page - Pixart Imaging Inc. PAS109B Datasheet HTML 5Page - Pixart Imaging Inc. PAS109B Datasheet HTML 6Page - Pixart Imaging Inc. PAS109B Datasheet HTML 7Page - Pixart Imaging Inc. PAS109B Datasheet HTML 8Page - Pixart Imaging Inc. PAS109B Datasheet HTML 9Page - Pixart Imaging Inc. PAS109B Datasheet HTML 10Page - Pixart Imaging Inc. PAS109B Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PixArt Imaging Inc.
PAS109B
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.1, Mar. 2002
Fig 5.2
Valid Data
5.2 Data Transfer Format
5.2.1 Master transmits data to slave (write cycle)
S : Start
A : Acknowledge by slave
P : Stop
RW : The LSB of 1
ST byte to decide whether current cycle is read or write cycle.
RW=1 read cycle, RW=0 write cycle.
SUBADDRESS : The address values of PAS109B internal control registers
(Please refer to PAS109B register description)
During write cycle, the master generates start condition and then places the 1
st byte data that are combined
slave address (7 bits) with a read/write control bit to SDA line. After slave(PAS109B) issues acknowledgment,
the master places 2
nd byte (sub-address) data on SDA line. Again follow the PAS109B acknowledgment, the
master places the 8 bits data on SDA line and transmit to PAS109B control register (address was assigned by
2
nd byte). After PAS109B issue acknowledgment, the master can generate a stop condition to end of this write
cycle. In the condition of multi-byte write, the PAS109B sub-address is automatically increment after each
DATA byte transferred. The data and A cycles is repeat until last byte write. Every control registers value
inside PAS109B can be programming via this way. (Please refer to Fig 5.3.)
S
SLAVE ID (7 BIT)
RW
A
SUBADDRESS (8 BIT)
A
DATA
P
A
1ST BYTE
2ND BYTE
n BYTEs + A
MSB
LSB=0
A
DATA
DATA
STABLE
DATA
CHANGE
ALLOWED
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com