Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSIIX20/12 Datasheet(PDF) 3 Page - Powersem GmbH

Part # PSIIX20/12
Description  IGBT Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSIIX20/12 Datasheet(HTML) 3 Page - Powersem GmbH

  PSIIX20/12 Datasheet HTML 1Page - Powersem GmbH PSIIX20/12 Datasheet HTML 2Page - Powersem GmbH PSIIX20/12 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PSIIX 20/12
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 email: info@powersem.de
FAX: 09122 - 9764 - 20
© 2009 POWERSEM reserves the right to change limits, test conditions and dimensions
0
1
2
3
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
0
1
2
3
4
0
1
2
3
4
5
0
5
10
15
20
25
30
V
CE [V]
I
C
[A]
Q
G [nC]
V
GE
[V]
9 V
11 V
5
6
7
8
9
10 11 12 13
0
5
10
15
20
25
30
0
10
20
30
40
50
60
0
5
10
15
20
13 V
40
60
80
100
120
140
160
1.2
1.6
2.0
2.4
2.8
E
[mJ]
E
on
Fig. 1 Typ. output characteristics
V
CE [V]
I
C
[A]
V
GE = 15 V
17 V
19 V
Fig. 2 Typ. output characteristics
I
C
[A]
Fig. 3 Typ. tranfer characteristics
V
GE [V]
Fig. 4 Typ. turn-on gate charge
Fig. 5 Typ. switching energy vs. collector current
E
off
Fig. 6 Typ. switching energy vs. gate resistance
R
G [
]
E
[mJ]
I
C [A]
R
G =
56
V
CE = 600 V
V
GE = ±15 V
T
VJ = 125°C
E
on
E
off
I
C =
15 A
V
CE = 600 V
V
GE = ±15 V
T
VJ = 125°C
I
C
= 15 A
V
CE = 600 V
T
VJ = 125°C
T
VJ = 25°C
V
GE = 15 V
T
VJ = 125°C
T
VJ = 125°C
T
VJ = 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com