Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UTCTDA2003 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTCTDA2003
Description  10W CAR RADIO AUDIO AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2003 Datasheet(HTML) 6 Page - Unisonic Technologies

  UTCTDA2003 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2003 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UTCTDA2003
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R107-002,A
1
2
4
5
3
1
2
4
5
3
2.2
µF
C3
15
µF
C4
10
µF
0.1
µF
1
Ω
RL=4
Ω
200
Ω
430
Ω
16
Ω
16
Ω
2.2
µF
Vs=14.4V
UTC
TDA2003
UTC
TDA2003
Fig.18
20W Bridge Configuration Application
The Values of the capacitors C3 and C4 are different to optimize the SVR(Typ. 40dB)
1
2
4
5
3
1
2
4
5
3
0.1
µF
C3
15
µF
RL=4
Ω
0.1
µF
Vs=14.4V
UTC
TDA2003
UTC
TDA2003
1nF
620
Ω
Fig.20
Low Cost Bridge Configuration Application Circuit(Po=18W)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com