Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS18 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS18
Description  Non-illuminated/Vertical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS18 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS18 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS18 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
89
● ● ● ● ● ● ● ● ● ● ●
非照光式・バーチカルタイプ
LS18 Series 
Non-illuminated/Vertical Type
LS18 Series
1. 長寿命・好フィーリングのスイッチです。
2. 小型であるため実用上のレイアウト
の融通性が高く、他のコンポーネント
との共用により大きな自由度を与え、
セット設計が容易に行えます。
3. リフロー炉によるはんだ付けが可能
な完全防水タイプです。
1. Long-life switch with a nice feel.
2. Compact size allows outstanding
flexibility of layout and freedom of
application, in combination with other
devices. Set design is now much
easier.
3. This is a completely waterproof type
that permits reflow oven soldering.
ルミスイッチLS18シリーズは操作用ス
イッチとして次のような製品に使用でき
ます。
携帯電話、TV、VTR、カメラ等。
LUMISWITCH, LS18 series, can be used
as a function control switch in the
following applications.
Portable telephones, TV, VCR,
cameras, etc.
●製品コード Product code
LS18 B 2 T
〈シリーズ Series
スイッチ高さThickness
A:0.35mm 2端子 0.35 mm 2 contacts
B:0.35mm 4端子 0.35 mm 4 contacts
操作荷重Operating force
1:1.18N(120gf)
2:1.57N(160gf)
3:1.96N(200gf)
包装形態 Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
LS18A
LS18B
■ 用途 Application
■ 特徴 Features
4.2(L)×4.2(W)×0.35(H)mm
4.2(L)×4.2(W)×0.35(H)mm
※上記の「スイッチ高さ」
「操作荷重」につきましては、A1、A2、B3タイプは未量産品となりますので、ご使用の際にご相談
願います。Regarding "Thickness" and "Operating force" mentioned above, please consult us for types
A1, A2, and B3 because they are non-mass products.


Similar Part No. - LS18

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS18 CITIZEN-LS18 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
logo
List of Unclassifed Man...
LS181 ETC1-LS181 Datasheet
814Kb / 8P
74181, LS181, 5181 Arithmetic Logic Units 4-Blt Arithmetlc Loglc Unit Product Speciflcation
December 4, 1985
logo
STMicroelectronics
LS188 STMICROELECTRONICS-LS188 Datasheet
101Kb / 3P
MICROPHONE AMPLIFIER
logo
CITIZEN ELECTRONICS CO....
LS18A1 CITIZEN-LS18A1 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
LS18A1T CITIZEN-LS18A1T Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
More results

Similar Description - LS18

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS8 CITIZEN-LS8 Datasheet
166Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16_1 Datasheet
417Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17_1 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18_1 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
LS35 CITIZEN-LS35 Datasheet
383Kb / 1P
Non-illuminated/Vertical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com