Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADS5400IPZP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZP
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZP Datasheet(HTML) 43 Page - Texas Instruments

Back Button ADS5400IPZP Datasheet HTML 39Page - Texas Instruments ADS5400IPZP Datasheet HTML 40Page - Texas Instruments ADS5400IPZP Datasheet HTML 41Page - Texas Instruments ADS5400IPZP Datasheet HTML 42Page - Texas Instruments ADS5400IPZP Datasheet HTML 43Page - Texas Instruments ADS5400IPZP Datasheet HTML 44Page - Texas Instruments ADS5400IPZP Datasheet HTML 45Page - Texas Instruments ADS5400IPZP Datasheet HTML 46Page - Texas Instruments ADS5400IPZP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
ADS5400
www.ti.com
SLAS611B – OCT 2009 – REVISED MARCH 2010
•
Changed Serial Register 0x06 (Read or Write) (Table 12). Bits 4 and 5 From TBD To: 0 ................................................ 22
•
Deleted Table 12 description comment from BIT <7:6> 11: (this mode is not working properly on early samples - will
be fixed) .............................................................................................................................................................................. 22
•
Changed the TYPICAL CHARACTERISTICS, Conditions Note From: DVDD3 = 3.3 V, and 3.3-VPP differential clock
To: DVDD = 3.3V and 1.5 VPP differential clock ................................................................................................................. 25
•
Added subsection - Analog Input Over-Range Recovery Error .......................................................................................... 32
•
Changed the Clock Inputs subsection ................................................................................................................................ 33
•
Changed the Test Patterns subsection ............................................................................................................................... 38
•
Changed the Interleaving subsection ................................................................................................................................. 38
•
Changed the Power Supplies subsection ........................................................................................................................... 39
•
Added Figure 38 - Was TBD .............................................................................................................................................. 39
Changes from Revision A (November 2009) to Revision B
Page
•
Changed Data sheet From: Product Preview To: Production ............................................................................................... 1
•
Changed INL - Integral non- linearity error Max value From: 4 To: 4.5 ................................................................................ 3
•
Changed Worst harmonic/spur (other than HD2 and HD3), fIN = 1200 MHz TYP value From: 70 To 66 ............................ 5
•
Changed Worst harmonic/spur (other than HD2 and HD3), fIN = 1700 MHz TYP value From: 66 To 64 ............................ 5
•
Changed Total Harmonic Distortion, fIN = 125 MHz TYP value From: 73.5 To 71.7 ............................................................ 5
•
Changed Total Harmonic Distortion, fIN = 600 MHz TYP value From: 68.5 To 67 ............................................................... 5
•
Changed Total Harmonic Distortion, fIN = 850 MHz TYP value From: 68.5 To 66.5 ............................................................ 5
•
Changed Total Harmonic Distortion, fIN = 1700 MHz TYP value From: 56.2 To 55.7 .......................................................... 5
•
Changed Signal-to-noise and distortion, fIN = 125 MHz TYP value From: 58 To 58.5 ......................................................... 5
•
Changed Signal-to-noise and distortion, fIN = 600 MHz TYP value From: 57.4 To 58.2 ...................................................... 5
•
Changed Signal-to-noise and distortion, fIN = 850 MHz TYP value From: 57.3 To 57.8 ...................................................... 5
•
Changed Signal-to-noise and distortion, fIN = 1200 MHz TYP value From: 57.2 To 57.5 .................................................... 5
•
Changed Signal-to-noise and distortion, fIN = 1700 MHz TYP value From: 54 To 54.2 ....................................................... 5
•
Changed Effective number of bits (using SINAD in dBFS), fIN = 125 MHz TYP value From: 9.34 To 9.42 ......................... 5
•
Changed Effective number of bits (using SINAD in dBFS), fIN = 600 MHz TYP value From: 9.24 To 9.37 ......................... 5
•
Changed Effective number of bits (using SINAD in dBFS), fIN = 850 MHz TYP value From: 9.23 To 9.3 ........................... 5
•
Changed INPUT CLOCK COARSE PHASE ADJUSTMENT, Integral Non-Linearity error Max value From: 4 To 5 ........... 8
•
Changed Table 7, BIT 4 From: 1 To: 0 ............................................................................................................................... 19
•
Deleted note: (was not available on early samples) from SPI Register Reset in Table 7 .................................................. 19
Copyright © 2009–2010, Texas Instruments Incorporated
43
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com