Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MDS60L Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MDS60L
Description  60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS60L Datasheet(HTML) 2 Page - Microsemi Corporation

  MDS60L Datasheet HTML 1Page - Microsemi Corporation MDS60L Datasheet HTML 2Page - Microsemi Corporation MDS60L Datasheet HTML 3Page - Microsemi Corporation MDS60L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
MDS60L SAMPLE RF DATA (SN#2-8; WO#56653X)
Pout vs Pin (ELM PULSE M OD; WO#56653X)
20
30
40
50
60
70
80
90
12
34
5
6
7
8
9
Pin(W)
1030MHz
1090MHz
Gain vs Pin (ELM PULSE M OD; WO#56653X)
9.00
10.00
11.00
12.00
13.00
12
3
4
567
8
9
Pin(W)
1030MHz
1090MHz
Effic vs Pin (ELM PULSE M OD; WO#56653X)
34.0
38.0
42.0
46.0
12
3456
789
Pin(W)
1030MHz
1090MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com